Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87208AXAVS Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87208AXAVS
Description  2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87208AXAVS Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button FPD87208AXAVS Datasheet HTML 12Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 13Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 14Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 15Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 16Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 17Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 18Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 19Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Pin Descriptions (Continued)
RSDS Tx Outputs
Symbol
Pin
Count
Type
Function
R [2:0]P/N
6
RSO
Red Reduced Swing Differential Outputs to Column Drivers
G [2:0]P/N
6
RSO
Green Reduced Swing Differential Outputs to Column Drivers
B [2:0]P/N
6
RSO
Blue Reduced Swing Differential Outputs to Column Drivers
CLKP/N
2
RSO
Clock Reduced Swing Differential Outputs to Column Drivers
Sub-Total
Pin Count
20
RSDS Tx Bias Reference Input
Symbol
Pin
Count
Type
Function
PI
1
Current Reference for RSDS Tx Output (1.23V)
Sub-Total
Pin Count
1
CMOS Input (2.75V Maximum)
Symbol
Pin
Count
Type
Function
RSDS[2:0]
3
I
RSDS Skew/Timing Control
RO[2:0]
3
I
Display Timing Selection
POLSET
1
I
0: Two Line Inversion; 1: One Line Inversion
DTM[1:0]
2
I
Display Mode Selection (XGA, WXGA1, WXGA2, WXGA3)
RESOSC
1
AI
RC oscillator reference for BIST function.
14.5 k
Ω = ∼40 MHz
IDREV
1
PU
IDREV = HIGH (default, pull high): Output data is 3F during vertical blanking.
IDREV = LOW: Output data is 00 during vertical blanking.
BIST
1
I
BIST Control Function (Active High), tied to ground for norm mode
RESETZ
1
Schmitt I
TCON Reset (Active Low)
Sub-Total
Pin Count
13
CMOS Outputs (2.75V Maximum)
Symbol
Pin
Count
Type
Function
STV
1
TO
Row Driver Start Pulse
CPV
1
TO
Row Driver Shift Clock
TP
1
TO
Line Latch Signal Output to Column Drivers
STH
1
TO
Horizontal Start Signal Output to Column Drivers
REV
1
TO
Alternative Signal Output for each 1 or 2 Horizontal Line to Column Drivers
OE1
1
TO
Control TFT Gate Pulse Width to Row Drivers
OE2
1
TO
Control TFT Gate Pulse Width to Row Drivers
Sub-Total
Pin Count
7
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com