Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87208AXAVS Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87208AXAVS
Description  2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87208AXAVS Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button FPD87208AXAVS Datasheet HTML 5Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 6Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 7Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 8Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 9Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 10Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 11Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 12Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AC Electrical Characteristics
T
A = 0˚C to 70˚C, VDD = 2.5V ±0.25V, IPI = 100 µA (Unless otherwise specified) (Continued)
Output Timing
R
T = 100
Ω,I
PI =100 µA,f=85MHz (Unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RCHP
RSDS Clock (RSCK) High Period
C
L(RSDS) = 5 pF
5.8
ns
RCLP
RSDS Clock (RSCK) Low Period
C
L(RSDS) = 5 pF
5.8
ns
SPSTU
STH Rising to RSCK Falling
C
L(TTL) =15pF
4.0
ns
SPHLD
STH Falling to RSCK Falling
4.0
ns
RSTU
(Note 3)
RSDS Setup to Falling or Rising
Edge of RSCK
C
L(RSDS) =5pF
RSDS[2:0]=[011]
3.3
ns
RHLD
(Note 3)
RSDS Hold from Falling or Rising
Edge of RSCK
2.1
ns
Note 3: Refer to the table “RSDS Setup and Hold Time with Data Skew Control Values” for each skew control.
RSDS Setup and Hold Time with Data Skew Control Values—Reference
Only
(RxCLKP/N = 85 MHz, R
T = 100
Ω,I
PI = 100 µA, VDD = 2.5V; Duty Clock = 50%/50%, ±2%; 25˚C)
Note: Typical values on this table are measured under Static and Steady state conditions which may not be reflective of its
performance in the end application.
RSDS[2:0]
Setup Time (RSTU, nS)
Hold Time (RHLD, nS)
Units
Min
Typ
Max
Min
Typ
Max
000
1.83
3.61
ns
001
2.33
3.09
010
2.83
2.61
011
3.31
2.10
100
3.85
1.55
101
4.34
1.03
110
4.81
0.53
111
5.33
0.01
RSDS and TTL Output Tr/Tf
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RSTr/RSTf RSDS Output Rising/Falling Time
(All RSDS Outputs)
C
L(RSDS) =5pF
1.5
ns
TTL Tr/Tf
TTL Output Rising and Falling Time C
L = 15 pF (20%–80%)
2.0
ns
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com