Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87208AXAVS Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87208AXAVS
Description  2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87208AXAVS Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button FPD87208AXAVS Datasheet HTML 3Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 4Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 5Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 6Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 7Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 8Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 9Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 10Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AC Electrical Characteristics
T
A = 0˚C to 70˚C, VDD = 2.5V ±0.25V, IPI = 100 µA (Unless otherwise specified) (Continued)
Ring Oscillator Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RESOSC
Ring
Oscillator
Clock
Frequency
R = 14.5K
Ω;
V
DD= 2.5V
40
MHz
20101416
FIGURE 8. Application diagram of Ring Oscillator
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com