Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87208AXAVS Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87208AXAVS
Description  2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87208AXAVS Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button FPD87208AXAVS Datasheet HTML 12Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 13Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 14Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 15Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 16Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 17Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 18Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 19Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Pin Descriptions (Continued)
Power Supply
Symbol
Pin
Count
Type
Function
V
DD
1
P
Digital Power for Logic Core
V
SS
1
G
Digital Ground for Logic Core
V
DDIO
4
P
Digital I/O and RSDS Power
V
SSIO
4
G
Digital I/O and RSDS Ground
V
DDA
1
P
FPD Receiver — Power for Analog
V
DDD
1
P
FPD Receiver — Power for Digital
V
SSD
1
G
FPD Receiver — Ground for Digital
V
SSP
1
G
FPD Receiver — Ground for PLL
V
SSA
1
G
FPD Receiver — Ground for Analog
Sub-Total
Pin Count
15
Total Pin
Count
64
System Interface = 8
RSDS Tx Out = 20
RSDS Tx Bias Reference Input = 1
CMOS Input (control) = 13
CMOS Output = 7
Power Supply = 15
Pin Types
AI
-Analog Input
I
-Input (LVTTL)
TO
-TTL Output (LVTTL)
LVDSI
-Low Voltage Differential Signal Input
RSO
-Reduced Swing Differential Output
P
-Power
G
-Ground
PD
-Pull Down
PU
-Pull Up
Schmitt I -Schmitt Triggered Input
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com