Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87208AXAVS Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87208AXAVS
Description  2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87208AXAVS Datasheet(HTML) 4 Page - National Semiconductor (TI)

  FPD87208AXAVS Datasheet HTML 1Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 2Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 3Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 4Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 5Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 6Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 7Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 8Page - National Semiconductor (TI) FPD87208AXAVS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DC Electrical Characteristics V
DD = 2.5V ±0.25V, TA = 0˚C to 70˚C, IPI = 100 µA (Unless otherwise
specified) (Continued)
RSDS Output
(CLKP/N, xyP/N;x=R,G,B;y=0,1,2), V
DD = 2.25V to 2.75V (Unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
|V
ODRSDS|
Differential Output Voltage Typ.
R
L = 100
Ω
I
PI = 100 µA
200 (Figure 4)mV
V
OSRSDS
Offset Voltage
1.2
V
20101404
FIGURE 4. RSDS Output Waveforms: Single Ended vs Differential
20101405
FIGURE 5. Typical RSDS V
OD vs RPI Response Curve
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com