Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0738 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL0738
Description  High Speed CMOS Optocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0738 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL0738 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Package Characteristics
All typicals at TA = 25˚C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input-Output Insulation
I I-O
1
µA
45% RH, t = 5 s
VI-O = 3 kV DC,
TA = 25˚C
Input-Output Momentary
VISO
2500
V rms
RH
≤ 50%, t = 1 min.,
Withstand Voltage
TA = 25˚C
Input-Output Resistance
RI-O
1012
Ω
VI-O = 500 V DC
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz, TA = 25˚C
Notes:
1. tPHL propagation delay is measured from the 50% level on the rising edge of the input pulse to the 2.5 V level of the falling edge of the VO signal.
tPLH propagation delay is measured from the 50% level on the falling edge of the input pulse to the 2.5 V level of the rising edge of the VO signal.
2. PWD is defined as |tPHL - tPLH|.
3. tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature within the
recommended operating conditions.
4. CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state.
5. CML is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic state.
Figure 1. Typical input diode forward
characteristic.
Figure 2. Typical input threshold current vs.
temperature.
Figure 3. Typical logic high O/P supply
current vs. temperature.
Figure 4. Typical logic low O/P supply
current vs. temperature.
Figure 5. Typical switching speed vs. pulse
input current.
VF – FORWARD VOLTAGE – V
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
IF
VF
+
TA = 25°C
–
-40
0
TA – TEMPERATURE – °C
100
7
1
60
020
8
5
3
4
Ith1
Ith2
-20
40
80
2
6
VDD = 5.0 V
IOL = 20 µA
5
0
IF – PULSE INPUT CURRENT – mA
14
45
10
11
79
50
30
20
25
5
40
6
8
10
12 13
15
35
VDD = 5.0 V
TA = 25 °C
Tphl CH 1
Tphl CH 2
Tplh CH 2
PWD CH 2
PWD CH 1
Tplh CH 1
-40
TA – TEMPERATURE – °C
100
60
020
Iddh
-20
40
80
6.0
9.5
7.0
10.0
8.5
7.5
8.0
6.5
9.0
VDD = 5.0 V
-40
TA – TEMPERATURE – °C
100
60
020
Iddl
-20
40
80
9.6
11.4
10.0
11.6
10.8
10.4
10.6
9.8
11.2
11.0
10.2
VDD = 5.0 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com