Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0738 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL0738
Description  High Speed CMOS Optocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0738 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HCPL0738 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
the optocouplers at different
times. If this difference in propa-
gation delays is large enough, it
will determine the maximum rate
at which parallel data can be sent
through the optocouplers.
Propagation delay skew is defined
as the difference between the
minimum and maximum propaga-
tion delays, either t
PLH or tPHL,
for any given group of
optocouplers which are operating
under the same conditions (i.e.,
the same supply voltage, output
load, and operating temperature).
As illustrated in Figure 8, if the
inputs of a group of optocouplers
are switched either ON or OFF at
the same time, t
PSK is the differ-
ence between the shortest propa-
gation delay, either t
PLH or tPHL,
and the longest propagation de-
lay, either t
PLH or tPHL.
As mentioned earlier, t
PSK can
determine the maximum parallel
data transmission rate. Figure 8
is the timing diagram of a typical
parallel data application with
both the clock and the data lines
being sent through optocouplers.
The figure shows data and clock
signals at the inputs and outputs
of the optocouplers. To obtain
the maximum data transmission
rate, both edges of the clock sig-
nal are being used to clock the
data; if only one edge were used,
the clock signal would need to be
twice as fast.
Propagation delay skew repre-
sents the uncertainty of where an
edge might be after being sent
through an optocoupler. Figure 7
shows that there will be
uncertainty in both the data and
the clock lines. It is important
that these two areas of uncer-
tainty not overlap, otherwise the
clock signal might arrive before
all of the data outputs have
settled, or some of the data out-
puts may start to change before
the clock signal has arrived.
From these considerations, the
absolute minimum pulse width
that can be sent through
optocouplers in a parallel appli-
cation is twice t
PSK. A cautious
design should use a slightly
longer pulse width to ensure that
any additional uncertainty in the
rest of the circuit does not cause
a problem.
The t
PSK specified optocouplers
offer the advantages of guaran-
teed specifications for propaga-
tion delays, pulse-width distortion
and propagation delay skew over
the recommended temperature,
and power supply ranges.
Figure 7. Propagation delay skew waveform.
Figure 8. Parallel data transmission example.
50%
50%
tPSK
VI
VO
VI
VO
2.5 V,
CMOS
2.5 V,
CMOS
DATA
INPUTS
CLOCK
DATA
OUTPUTS
CLOCK
tPSK
tPSK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com