Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0738 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL0738
Description  High Speed CMOS Optocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0738 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL0738 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Package Outline Drawing
HCPL-0738 Outline Drawing (Small Outline SO-8 Package)
Ordering Information
Specify Part Number followed by
Option Number (if desired).
Example
HCPL-0738 -060 = VDE0884
Option
HCPL-0738 -500 = Tape and
Reel Packaging Option
No Option Code contains 100
units per tube. Option 500
contains 1500 units per reel.
Option data sheets available.
Contact Agilent Technologies
sales representative or authorized
distributor.
Selection Guide
Small Outline SO-8
HCPL-0738
Solder Reflow Temperature Profile
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5°C ± 0.5°C/SEC.
3°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.
XXX
YWW
87
65
4
3
2
1
PIN
ONE
7°
5.994 ± 0.203
(0.236 ± 0.008)
3.937 ± 0.127
(0.155 ± 0.005)
0.405 ± 0.076
(0.015 ± 0.003)
1.270
(0.050)
BSG
*5.080 ± 0.127
(0.205 ± 0.005)
3.175 ± 0.127
(0.125 ± 0.005)
1.524
(0.060)
45° x 0.432
(0.017)
0.228 ± 0.025
(0.009 ± 0.001)
0.202 ± 0.102
(0.008 ± 0.004)
TYPE NUMBER
(LAST 3 DIGITS)
DATE CODE
*TOTAL PACKAGE LENGTH (INCLUSIVE OF MOLD FLASH)
5.207 ± 0.254 (0.205 ± 0.010)
DIMENSIONS IN MILLIMETERS AND (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES) MAX.
0.305
(0.012)
MIN.
0 - 7°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com