Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0738 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL0738
Description  High Speed CMOS Optocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0738 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL0738 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
The HCPL-0738 is a dual-channel
15 MBd CMOS optocoupler in
SOIC-8 package. The HCPL-0738
optocoupler utilizes the latest CMOS
IC technology to achieve out-
standing performance with very low
power consumption. Basic building
blocks of HCPL-0738 are high
speed LEDs and CMOS detector ICs.
Agilent HCPL-0738
High Speed CMOS Optocoupler
Data Sheet
Features
• 15 ns typical pulse width
distortion
• 40 ns maximum prop. delay skew
• 20 ns typical prop. delay
• High speed: 15 MBd
• + 5 V CMOS compatibility
• 10 kV/
µS minimum common mode
rejection
• –40 to 100˚C temperature range
• Safety and regulatory approvals
– UL recognized (2500 V rms for
1 minute per UL 1577)
– CSA component acceptance
notice #5.
– VDE 0884 (TUV) approved for
HCPL-0738 Option 060
Applications
• PDP (plasma display panel)
• Digital field bus isolation:
DeviceNet, SDS, Profibus
• Multiplexed data transmission
• Computer peripheral interface
• Microprocessor system interface
• DC/DC converter
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this
component to prevent damage and/or degradation which may be induced by ESD.
Truth Table
LED
VO, Output
OFF
H
ON
L
Note: A 0.1
µF bypass capacitor must be
connected between pins 5 and 8.
Functional Diagram
Agilent also offers the same
performance in the single channel
version, HCPL-0708. Each
detector incorporates an
integrated photodiode, a high
speed transimpedance amplifier,
and a voltage comparator with an
output driver.
8
7
6
1
3
5
2
4
ANODE 1
CATHODE 1
CATHODE 2
ANODE 2
VDD
VO 2
GND
VO 1


Similar Part No. - HCPL0738

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL0730 HP-HCPL0730 Datasheet
240Kb / 12P
Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL0730 FAIRCHILD-HCPL0730 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
logo
ON Semiconductor
HCPL0730 ONSEMI-HCPL0730 Datasheet
622Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
April 2009 Rev. 1.0.1
HCPL0730R2 ONSEMI-HCPL0730R2 Datasheet
622Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
April 2009 Rev. 1.0.1
HCPL0730R2V ONSEMI-HCPL0730R2V Datasheet
622Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
April 2009 Rev. 1.0.1
More results

Similar Description - HCPL0738

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6315 SIEMENS-SFH6315 Datasheet
69Kb / 4P
HIGH SPEED OPTOCOUPLER
SFH6315T SIEMENS-SFH6315T Datasheet
48Kb / 4P
HIGH SPEED OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL0708 HP-HCPL0708 Datasheet
264Kb / 10P
High Speed CMOS Optocoupler
logo
Sensitron
SHD-4134-XXX SENSITRON-SHD-4134-XXX Datasheet
85Kb / 4P
High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738 AVAGO-HCPL-0738 Datasheet
192Kb / 2P
High Speed CMOS Optocoupler
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
3.3V/5V High Speed CMOS Optocoupler
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
High Speed CMOS Optocoupler
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
High Speed CMOS Optocoupler
HCPL-0738-000E AVAGO-HCPL-0738-000E Datasheet
167Kb / 8P
High Speed CMOS Optocoupler
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
3.3V/5V High Speed CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com