Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0738 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL0738
Description  High Speed CMOS Optocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0738 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL0738 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0738 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
All Agilent data sheets report the
creepage and clearance inherent
to the optocoupler component
itself. These dimensions are
needed as a starting point for the
equipment designer when deter-
mining the circuit insulation re-
quirements. However, once
mounted on a printed circuit
Regulatory Information
The HCPL-0738 has been
approved by the following
organizations:
UL
Recognized under UL 1577,
component recognition program,
File E55361.
CSA
Approved under CSA Component
Acceptance Notice #5, File
CA88324.
TUV
Approved according to
VDE 0884/06.92, Certificate
R9650938.
board, minimum creepage and
clearance requirements must be
met as specified for individual
equipment standards. For creep-
age, the shortest distance path
along the surface of a printed
circuit board between the solder
fillets of the input and output
leads must be considered. There
are recommended techniques
such as grooves and ribs which
may be used on a printed circuit
board to achieve desired creep-
age and clearances. Creepage and
clearance distances will also
change depending on factors
such as pollution degree and
insulation level.
Insulation and Safety Related Specifications (approval pending)
Parameter
Symbol
Value
Units
Conditions
Minimum External Air Gap
L(I01)
4.9
mm
Measured from input terminals to output terminals,
(Clearance)
shortest distance through air.
Minimum External Tracking
L(I02)
4.8
mm
Measured from input terminals to output terminals,
(Creepage)
shortest distance path along body.
Minimum Internal Plastic Gap
0.08
mm
Insulation thickness between emitter and detector; also
(Internal Clearance)
known as distance through insulation.
Tracking Resistance
CTI
≥ 175
Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking Index)
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
TS
–55
125
˚C
Ambient Operating Temperature
TA
–40
100
˚C
Supply Voltage
VDD
0
6.0
Volts
Output Voltage
VO
–0.5
VDD + 0.5
Volts
Average Forward Input Current
IF
—20
mA
Average Output Current
IO
—2
mA
Lead Solder Temperature
260˚C for 10 seconds, 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Solder Reflow Thermal Profile section
Recommended Operating Conditions
Parameter
Symbol
Minimum
Maximum
Units
Ambient Operating Temperature
TA
–40
100
˚C
Supply Voltages
VDD
4.5
5.5
V
Input Current (ON)
IF
10
16
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com