Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4929 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4929
Description  Stereo 40mW Low Noise Headphone Amplifier with OCL Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4929 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4929 Datasheet HTML 1Page - National Semiconductor (TI) LM4929 Datasheet HTML 2Page - National Semiconductor (TI) LM4929 Datasheet HTML 3Page - National Semiconductor (TI) LM4929 Datasheet HTML 4Page - National Semiconductor (TI) LM4929 Datasheet HTML 5Page - National Semiconductor (TI) LM4929 Datasheet HTML 6Page - National Semiconductor (TI) LM4929 Datasheet HTML 7Page - National Semiconductor (TI) LM4929 Datasheet HTML 8Page - National Semiconductor (TI) LM4929 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics V
DD = 2.4V (Notes 1, 2) (Continued)
The following specifications apply for V
DD = 2.4V, RL =16
Ω, and C
B = 4.7µF unless otherwise specified. Limits apply to TA =
25˚C. Pin 3 connected to GND.
Symbol
Parameter
Conditions
LM4929
Units
(Limits)
Typ
(Note 6)
Limit
(Note 7)
V
NO
Output Noise Voltage
BW = 20 Hz to 20kHz, A-weighted
10
µV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mV sine p-p
65
dB
T
WU
Wake Up Time from Shutdown
OCL
0.5
s
Note 1: All voltages are measured with respect to the GND pin unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: : The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX,
θJA, and the ambient temperature, TA. The
maximum allowable power dissipation is PDMAX =(TJMAX -TA)/ θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4929, see
power derating currents for more information.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF-240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: 10
Ω Terminated input.
Note 10: Pin 3 (NC) should be connected to GND for proper part operation.
External Components Description (Figure 2)
Components
Functional Description
1.
R
I
Inverting input resistance which sets the closed-loop gain in conjunction with R
f. This resistor also forms a
high-pass filter with C
i at fc = 1/(2
πR
iCi).
2.
C
I
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminals. Also creates a
high-pass filter with R
i at fc = 1/(2
πR
iCi). Refer to the section Proper Selection of External Components, for
an explanation of how to determine the value of C
i.
3.
R
f
Feedback resistance which sets the closed-loop gain in conjunction with R
i.
4.
C
S
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing
section for information concerning proper placement and selection of the supply bypass capacitor.
5.
C
B
Bypass pin capacitor which provides half-supply filtering. Refer to the section, Proper Selection of Proper
Components, for information concerning proper placement and selection of C
B
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com