Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4929 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4929
Description  Stereo 40mW Low Noise Headphone Amplifier with OCL Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4929 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4929 Datasheet HTML 1Page - National Semiconductor (TI) LM4929 Datasheet HTML 2Page - National Semiconductor (TI) LM4929 Datasheet HTML 3Page - National Semiconductor (TI) LM4929 Datasheet HTML 4Page - National Semiconductor (TI) LM4929 Datasheet HTML 5Page - National Semiconductor (TI) LM4929 Datasheet HTML 6Page - National Semiconductor (TI) LM4929 Datasheet HTML 7Page - National Semiconductor (TI) LM4929 Datasheet HTML 8Page - National Semiconductor (TI) LM4929 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM4929
Stereo 40mW Low Noise Headphone Amplifier
with OCL Output
General Description
The LM4929 is an stereo audio power amplifier capable of
delivering 40mW per channel of continuous average power
into a 16
Ω load or 25mW per channel into a 32Ω load at 1%
THD+N from a 3V power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. Since the LM4929 does not require
bootstrap capacitors or snubber networks, it is optimally
suited for low-power portable systems. The LM4929 is con-
figured for OCL (Output Capacitor-Less) outputs, operating
with no DC blocking capacitors on the outputs.
The LM4929 features a low-power consumption shutdown
mode with a faster turn on time. Additionally, the LM4929
features an internal thermal shutdown protection mecha-
nism.
The LM4929 is unity gain stable and may be configured with
external gain-setting resistors.
Key Specifications
j PSRR at 217Hz and 1kHz
65dB (typ)
j Output Power at 1kHz with VDD = 2.4V,
1% THD+N into a 16
Ω load
25mW (typ)
j Output Power at 1kHz with VDD = 3V,
1% THD+N into a 16
Ω load
40mW (typ)
j Shutdown current
2.0µA (max)
j Output Voltage change on release
from Shutdown V
DD = 2.4V, RL =16
Ω
1mV (max)
Features
n
OCL outputs — No DC Blocking Capacitors
n
External gain-setting capability
n
Available in space-saving MSOP package
n
Ultra low current shutdown mode
n
2V - 5.5V operation
n
Ultra low noise
Applications
n
Portable CD players
n
PDAs
n
Portable electronics devices
Block Diagram
Boomer® is a registered trademark of National Semiconductor Corporation.
20132441
FIGURE 1. Block Diagram
December 2004
© 2004 National Semiconductor Corporation
DS201324
www.national.com


Similar Part No. - LM4929

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4929MMX/NOPB TI1-LM4929MMX/NOPB Datasheet
1Mb / 20P
Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
More results

Similar Description - LM4929

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
Stereo 40mW Low Noise Headphone Amplifier
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4925 NSC-LM4925 Datasheet
1Mb / 15P
2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com