Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4929 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4929
Description  Stereo 40mW Low Noise Headphone Amplifier with OCL Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4929 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4929 Datasheet HTML 5Page - National Semiconductor (TI) LM4929 Datasheet HTML 6Page - National Semiconductor (TI) LM4929 Datasheet HTML 7Page - National Semiconductor (TI) LM4929 Datasheet HTML 8Page - National Semiconductor (TI) LM4929 Datasheet HTML 9Page - National Semiconductor (TI) LM4929 Datasheet HTML 10Page - National Semiconductor (TI) LM4929 Datasheet HTML 11Page - National Semiconductor (TI) LM4929 Datasheet HTML 12Page - National Semiconductor (TI) LM4929 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Application Information (Continued)
determined based on the tradeoff between the amount of
noise suppression that may be needed and minimizing the
additional current drawn by the resistor (25mA for a 100
Ω
resistor and a 5V supply).
ESD PROTECTION
As stated in the Absolute Maximum Ratings, the LM4929
has a maximum ESD susceptibility rating of 2000V. For
higher ESD voltages, the addition of a PCDN042 dual transil
(from California Micro Devices), as shown in Figure 3, will
provide additional protection.
201324B4
FIGURE 3. The PCDN042 provides additional ESD protection beyond the 2000V shown in the
Absolute Maximum Ratings for the V
OC output
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com