Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4929 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4929
Description  Stereo 40mW Low Noise Headphone Amplifier with OCL Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4929 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4929 Datasheet HTML 5Page - National Semiconductor (TI) LM4929 Datasheet HTML 6Page - National Semiconductor (TI) LM4929 Datasheet HTML 7Page - National Semiconductor (TI) LM4929 Datasheet HTML 8Page - National Semiconductor (TI) LM4929 Datasheet HTML 9Page - National Semiconductor (TI) LM4929 Datasheet HTML 10Page - National Semiconductor (TI) LM4929 Datasheet HTML 11Page - National Semiconductor (TI) LM4929 Datasheet HTML 12Page - National Semiconductor (TI) LM4929 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Information
AMPLIFIER CONFIGURATION EXPLANATION
As shown in Figure 1, the LM4929 has three operational
amplifiers internally. Two of the amplifier’s have externally
configurable gain while the other amplifier is internally fixed
at the bias point acting as a unity-gain buffer. The closed-
loop gain of the two configurable amplifiers is set by select-
ing the ratio of R
f to Ri. Consequently, the gain for each
channel of the IC is
A
VD = -(Rf /Ri)
By driving the loads through outputs V
oA and VoB with VoC
acting as a buffered bias voltage the LM4929 does not
require output coupling capacitors. The classical single-
ended amplifier configuration where one side of the load is
connected to ground requires large, expensive output cou-
pling capacitors.
A configuration such as the one used in the LM4929 has a
major advantage over single supply, single-ended amplifiers.
Since the outputs V
oA, VoB, and VoC are all biased at 1/2
V
DD, no net DC voltage exists across each load. This elimi-
nates the need for output coupling capacitors which are
required in a single-supply, single-ended amplifier configura-
tion. Without output coupling capacitors in a typical single-
supply, single-ended amplifier, the bias voltage is placed
across the load resulting in both increased internal IC power
dissipation and possible loudspeaker damage.
The LM4929 eliminates these output coupling capacitors by
running in OCL mode. Unless shorted to ground, VoC is
internally configured to apply a 1/2 V
DD bias voltage to a
stereo headphone jack’s sleeve. This voltage matches the
bias voltage present on VoA and VoB outputs that drive the
headphones. The headphones operate in a manner similar
to a bridge-tied load (BTL). Because the same DC voltage is
applied to both headphone speaker terminals this results in
no net DC current flow through the speaker. AC current flows
through a headphone speaker as an audio signal’s output
amplitude increases on the speaker’s terminal.
The headphone jack’s sleeve is not connected to circuit
ground when used in OCL mode. Using the headphone
output jack as a line-level output will place the LM4929’s 1/2
V
DD bias voltage on a plug’s sleeve connection. This pre-
sents no difficulty when the external equipment uses capaci-
tively coupled inputs. For the very small minority of equip-
ment that is DC coupled, the LM4929 monitors the current
supplied by the amplifier that drives the headphone jack’s
sleeve. If this current exceeds 500mAPK, the amplifier is
shutdown, protecting the LM4929 and the external equip-
ment.
POWER DISSIPATION
Power dissipation is a major concern when using any power
amplifier and must be thoroughly understood to ensure a
successful design. When operating in capacitor-coupled
mode, Equation 1 states the maximum power dissipation
point for a single-ended amplifier operating at a given supply
voltage and driving a specified output load.
P
DMAX =(VDD)
2 /(2
π2R
L)
(1)
Since the LM4929 has three operational amplifiers in one
package, the maximum power dissipation increases due to
the use of the third amplifier as a buffer and is given in
Equation 2:
P
DMAX = 4(VDD)
2 /(2
π2R
L)
(2)
The maximum power dissipation point obtained from Equa-
tion 2 must not be greater than the power dissipation that
results from Equation 3:
P
DMAX =(TJMAX -TA)/
θ
JA
(3)
For package MUB10A,
θ
JA = 190˚C/W. TJMAX = 150˚C for
the LM4929. Depending on the ambient temperature, T
A,of
the system surroundings, Equation 3 can be used to find the
maximum internal power dissipation supported by the IC
packaging. If the result of Equation 2 is greater than that of
Equation 3, then either the supply voltage must be de-
creased, the load impedance increased or T
A reduced. For
the typical application of a 3V power supply, with a 32
Ω load,
the maximum ambient temperature possible without violating
the maximum junction temperature is approximately 144˚C
provided that device operation is around the maximum
power dissipation point. Thus, for typical applications, power
dissipation is not an issue. Power dissipation is a function of
output power and thus, if typical operation is not around the
maximum power dissipation point, the ambient temperature
may be increased accordingly. Refer to the Typical Perfor-
mance Characteristics curves for power dissipation informa-
tion for lower output powers.
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is important
for low noise performance and high power supply rejection.
The capacitor location on the power supply pins should be
as close to the device as possible.
Typical applications employ a 3V regulator with 10mF tanta-
lum or electrolytic capacitor and a ceramic bypass capacitor
which aid in supply stability. This does not eliminate the need
for bypassing the supply nodes of the LM4929. A bypass
capacitor value in the range of 0.1µF to 1µF is recommended
for C
S.
MICRO POWER SHUTDOWN
The voltage applied to the SHUTDOWN pin controls the
LM4929’s shutdown function. Activate micro-power shut-
down by applying a logic-low voltage to the SHUTDOWN
pin. When active, the LM4929’s micro-power shutdown fea-
ture turns off the amplifier’s bias circuitry, reducing the sup-
ply current. The trigger point varies depending on supply
voltage and is shown in the Shutdown Hysteresis Voltage
graphs in the Typical Performance Characteristics section.
The low 0.1µA(typ) shutdown current is achieved by apply-
ing a voltage that is as near as ground as possible to the
SHUTDOWN pin. A voltage that is higher than ground may
increase the shutdown current. There are a few ways to
control the micro-power shutdown. These include using a
single-pole, single-throw switch, a microprocessor, or a mi-
crocontroller. When using a switch, connect an external
100k
Ω pull-up resistor between the SHUTDOWN pin and
V
DD. Connect the switch between the SHUTDOWN pin and
ground. Select normal amplifier operation by opening the
switch. Closing the switch connects the SHUTDOWN pin to
ground, activating micro-power shutdown.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com