Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4929 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4929
Description  Stereo 40mW Low Noise Headphone Amplifier with OCL Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4929 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4929 Datasheet HTML 5Page - National Semiconductor (TI) LM4929 Datasheet HTML 6Page - National Semiconductor (TI) LM4929 Datasheet HTML 7Page - National Semiconductor (TI) LM4929 Datasheet HTML 8Page - National Semiconductor (TI) LM4929 Datasheet HTML 9Page - National Semiconductor (TI) LM4929 Datasheet HTML 10Page - National Semiconductor (TI) LM4929 Datasheet HTML 11Page - National Semiconductor (TI) LM4929 Datasheet HTML 12Page - National Semiconductor (TI) LM4929 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Information (Continued)
The switch and resistor guarantee that the SHUTDOWN pin
will not float. This prevents unwanted state changes. In a
system with a microprocessor or microcontroller, use a digi-
tal output to apply the control voltage to the SHUTDOWN
pin. Driving the SHUTDOWN pin with active circuitry elimi-
nates the pull-up resistor.
Shutdown enable/disable times are controlled by a combina-
tion of C
B and VDD. Larger values of CB results in longer turn
on/off times from Shutdown. Smaller V
DD values also in-
crease turn on/off time for a given value of C
B. Longer
shutdown times also improve the LM4929’s resistance to
click and pop upon entering or returning from shutdown. For
a 2.4V supply and C
B = 4.7µF, the LM4929 requires about 2
seconds to enter or return from shutdown. This longer shut-
down time enables the LM4929 to have virtually zero pop
and click transients upon entering or release from shutdown.
Smaller values of C
B will decrease turn-on time, but at the
cost of increased pop and click and reduced PSRR. Since
shutdown enable/disable times increase dramatically as
supply voltage gets below 2.2V, this reduced turn-on time
may be desirable if extreme low supply voltage levels are
used as this would offset increases in turn-on time caused by
the lower supply voltage. This technique is not recom-
mended for OCL mode since shutdown enable/disable times
are very fast (0.5s) independent of supply voltage.
PROPER SELECTION OF EXTERNAL COMPONENTS
Proper selection of external components in applications us-
ing integrated power amplifiers is critical to optimize device
and system performance. While the LM4929 is tolerant of
external component combinations, consideration to compo-
nent values must be used to maximize overall system qual-
ity.
The LM4929 is unity-gain stable which gives the designer
maximum system flexibility. The LM4929 should be used in
low gain configurations to minimize THD+N values, and
maximize the signal to noise ratio. Low gain configurations
require large input signals to obtain a given output power.
Input signals equal to or greater than 1V
rms are available
from sources such as audio codecs. Very large values
should not be used for the gain-setting resistors. Values for
R
i and Rf should be less than 1M
Ω. Please refer to the
section, Audio Power Amplifier Design, for a more com-
plete explanation of proper gain selection
Besides gain, one of the major considerations is the closed-
loop bandwidth of the amplifier. To a large extent, the band-
width is dictated by the choice of external components
shown in Figure 2. The input coupling capacitor, C
i, forms a
first order high pass filter which limits low frequency re-
sponse. This value should be chosen based on needed
frequency response and turn-on time.
SELECTION OF INPUT CAPACITOR SIZE
Amplifying the lowest audio frequencies requires a high
value input coupling capacitor, C
i. A high value capacitor can
be expensive and may compromise space efficiency in por-
table designs. In many cases, however, the headphones
used in portable systems have little ability to reproduce
signals below 60Hz. Applications using headphones with this
limited frequency response reap little improvement by using
a high value input capacitor.
In addition to system cost and size, turn on time is affected
by the size of the input coupling capacitor C
i. A larger input
coupling capacitor requires more charge to reach its quies-
cent DC voltage. This charge comes from the output via the
feedback Thus, by minimizing the capacitor size based on
necessary low frequency response, turn-on time can be
minimized. A small value of C
i (in the range of 0.1µF to
0.39µF), is recommended.
AUDIO POWER AMPLIFIER DESIGN
A 25mW/32
Ω AUDIO AMPLIFIER
Given:
Power Output
25mWrms
Load Impedance
32
Ω
Input Level
1Vrms
Input Impedance
20k
Ω
A designer must first determine the minimum supply rail to
obtain the specified output power. By extrapolating from the
Output Power vs Supply Voltage graphs in the Typical Per-
formance Characteristics section, the supply rail can be
easily found.
3V is a standard voltage in most applications, it is chosen for
the supply rail. Extra supply voltage creates headroom that
allows the LM4929 to reproduce peak in excess of 25mW
without producing audible distortion. At this time, the de-
signer must make sure that the power supply choice along
with the output impedance does not violate the conditions
explained in the Power Dissipation section.
Once the power dissipation equations have been addressed,
the required gain can be determined from Equation 2.
(4)
From Equation 4, the minimum A
V is 0.89; use AV = 1. Since
the desired input impedance is 20k
Ω, and with a A
V gain of
1, a ratio of 1:1 results from Equation 1 for R
f to Ri. The
values are chosen with R
i = 20k
Ω and R
f = 20k
Ω. The final
design step is to address the bandwidth requirements which
must be stated as a pair of -3dB frequency points. Five times
away from a -3dB point is 0.17dB down from passband
response which is better than the required ± 0.25dB speci-
fied.
f
L = 100Hz/5 = 20Hz
f
H = 20kHz*5= 100kHz
As stated in the External Components section, R
i in con-
junction with C
i creates a
C
i
≥ 1/(2π * 20kΩ * 20Hz) = 0.397µF; use 0.39µF.
The high frequency pole is determined by the product of the
desired frequency pole, f
H, and the differential gain, AV. With
an A
V = 1 and fH = 100kHz, the resulting GBWP = 100kHz
which is much smaller than the LM4929 GBWP of 10MHz.
This figure displays that is a designer has a need to design
an amplifier with higher differential gain, the LM4929 can still
be used without running into bandwidth limitations.
Figure 3 shows an optional resistor connected between the
amplifier output that drives the headphone jack sleeve and
ground. This resistor provides a ground path that supressed
power supply hum. Thishum may occur in applications such
as notebook computers in a shutdown condition and con-
nected to an external powered speaker. The resistor’s 100
Ω
value is a suggested starting point. Its final value must be
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com