Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 186 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 186 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 182Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 183Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 184Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 185Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 186Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 187Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 188Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 189Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 190Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 5V)
186
BCLK
CSi
ALE
RD
4ns.min
Hi–Z
DB
40ns.min
0ns.min
ADi
BHE
Read timing
BCLK
CSi
ALE
4ns.min
th(WR–AD)
ADi
BHE
(tcyc–40)ns.min
0ns.min
DBi
Write timing
td(BCLK–RD)
0ns.min
0ns.min
th(RD–AD)
Memory Expansion Mode and Microprocessor Mode
(When accessing external memory area with wait)
Measuring conditions :
• VCC=5V
• Input timing voltage : Determined with: VIL=0.8V, VIH=2.5V
• Output timing voltage : Determined with: VOL=0.8V, VOH=2.0V
WR,WRL,
WRH
td(BCLK–CS)
25ns.max
tcyc
th(BCLK–CS)
4ns.min
th(RD–CS)
0ns.min
th(BCLK–AD)
td(BCLK–AD)
25ns.max
td(BCLK–ALE) 25ns.max
th(BCLK–ALE)
–4ns.min
th(BCLK–RD)
0ns.min
25ns.max
tac2(RD–DB)
th(RD–DB)
tSU(DB–RD)
td(BCLK–CS)
25ns.max
tcyc
th(BCLK–CS)
4ns.min
th(WR–CS)
0ns.min
th(BCLK–AD)
td(BCLK–AD)
25ns.max
td(BCLK–ALE)
25ns.max
th(BCLK–ALE)
–4ns.min
th(BCLK–WR)
0ns.min
td(BCLK–WR)
25ns.max
th(BCLK–DB)
4ns.min
td(BCLK–DB)
40ns.max
td(DB–WR)
th(WR–DB)
VCC = 5V
Figure 1.23.5. VCC = 5V timing diagram (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com