Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 188 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 188 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 184Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 185Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 186Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 187Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 188Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 189Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 190Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 191Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 192Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Electrical characteristics (Vcc = 3V)
188
Symbol
VOH
HIGH output voltage
VOH
VOL
LOW output
voltage
LOW output voltage
VOL
HIGH output
voltage
Standard
Typ.
Unit
Measuring condition
V
V
XOUT
2.5
2.5
V
0.5
V
XOUT
0.5
0.5
MinMax.
2.5
Parameter
IOH = -1mA
IOH = -0.1mA
IOH = -50µA
IOL = 1mA
IOL = 0.1mA
IOL = 50µA
P00 to P07, P10 to P17, P20 to P27,
P00 to P07 ,P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P72 to P77, P80 to P84,
HIGHPOWER
LOWPOWER
P86, P87, P90 to P97, P100 to P107
HIGHPOWER
LOWPOWER
P60 to P67, P70 to P77, P80 to P84,
P86, P87, P90 to P97, P100 to P107
HIGHPOWER
LOWPOWER
HIGH output voltageXCOUT
With no load applied
With no load applied
3.0
1.6
V
Hysteresis
Hysteresis
HIGH input
current
IIH
LOW input
current
I IL
V RAM
RAM retention voltage
Icc
Power supply current
VT+-VT-
VT+-VT-
0.2
0.8
V
0.2
1.8
V
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47 ,P50 to P57,
P60 to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P107,
4.0
µA
µA
When clock is stopped
2.0
V
RESET
XIN, RESET, CNVss, BYTE
VI = 3V
VI = 0V
-4.0
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P107,
XIN, RESET, CNVss, BYTE
Square wave
f(XCIN) = 32kHz
40.0
µA
R fXIN
R fXCIN
Feedback resistance
XIN
Feedback resistance
XCIN
10.0
3.0
M
M
Square wave, no division
f(XIN) = 10MHz
mA
8.521.25
Mask ROM
version
R PULLUP
120.0
k
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P72 to P77, P80 to P84,
P86, P87, P90 to P97 ,P100 to P107
LOW output voltage
V
XCOUT
0
0
With no load applied
With no load applied
HIGHPOWER
LOWPOWER
VI = 0V
66.0
500.0
In single-chip
mode, the
output pins are
open and other
pins are VSS
Pull-up
resistance
Ω
Ω
Ω
Square wave, no division
f(XIN) = 10MHz
mA
12.021.25
Flash memory
5V version
Mask ROM
version
Square wave, in RAM
f(XCIN) = 32kHz
µA
Flash memory
5V version
CLK0 to CLK4,TA2OUT to TA4OUT,
TB0IN to TB5IN, INT0 to INT5, NMI,
ADTRG, CTS0 to CTS2, SCL, SDA
HOLD, RDY, TA0IN to TA4IN,
KI0 to KI3, RxD0 to RxD2, SIN3, SIN4
1.0
µA
20.0
0.9µA
2.8µA
f(XCIN) = 32kHz
f(XCIN) = 32kHz
Topr = 85°C
when clock is stopped
Topr = 25°C
when clock is stopped
When a WAITinstruction
is executed.
Oscillation capacity High
(Note 3)
When a WAIT instruction
is executed.
Oscillation capacity Low
(Note 3)
Square wave, in flash memory
f(XCIN) = 32kHz
800
µA
Flash memory
5V version
40.0
Note 1: Specify a product of -40°C to 85°C to use it.
Note 2: 10 MHz for the mask ROM version and flash memory 5V version.
Note 3: With one timer operated using fC32.
10
10
(Topr
= 25
°C)
(Topr
= 25
°C)
VCC = 3V
Table 1.23.23. Electrical characteristics (referenced to VCC = 2.7 to 3.3V, VSS = 0V at Topr = – 20oC
to 85oC / – 40oC to 85oC (Note 1), f(XIN) = 10MHZ (Note 2) with wait unless otherwise
specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com