Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 187 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 187 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 183Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 184Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 185Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 186Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 187Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 188Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 189Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 190Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 191Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 5V)
187
Memory Expansion Mode and Microprocessor Mode
(When accessing external memory area with wait, and select multiplexed bus)
BCLK
CSi
ALE
RD
4ns.min
tcyc
ADi
BHE
ADi
/DBi
td(AD–ALE)
Read timing
0ns.min
BCLK
CSi
ALE
–4ns.min
4ns.min
4ns.min
tcyc
ADi
BHE
ADi
/DBi
Write timing
Address
Measuring conditions :
• VCC=5V
• Input timing voltage : Determined with VIL=0.8V, VIH=2.5V
• Output timing voltage : Determined with VOL=0.8V, VOH=2.0V
(tcyc/2)ns.min
Address
Data input
(tcyc/2)ns.min
td(BCLK–ALE)
(tcyc/2)ns.min
th(WR–CS)
Address
(tcyc*3/2–40)ns.min
td(BCLK–ALE)
(tcyc/2)ns.min
(tcyc/2-25)ns.min
Address
25ns.max
tSU(DB–RD)
tac3(RD–DB)
(tcyc/2)ns.min
th(ALE–AD)
30ns.min
td(AD–RD)
0ns.min
tdz(RD–AD)
8ns.max
td(AD–WR)
0ns.min
Data output
WR,WRL,
WRH
td(BCLK–CS)
25ns.max
th(RD–CS)
th(BCLK–CS)
4ns.min
th(BCLK–AD)
th(RD–DB)
0ns.min
40ns.min
25ns.max
td(BCLK–AD)
–4ns.min
th(BCLK–ALE)
td(BCLK–RD)
25ns.max
th(RD–AD)
th(BCLK–RD)
0ns.min
td(BCLK–CS)
25ns.max
th(BCLK–CS)
th(BCLK–DB)
4ns.min
th(WR–DB)
td(DB–WR)
th(BCLK–AD)
td(AD–ALE)
(tcyc/2–25)ns.min
td(BCLK–AD)
25ns.max
25ns.max
th(BCLK–ALE)
25ns.max
td(BCLK–WR)
th(BCLK–WR)
th(WR–AD)
td(BCLK–DB)
40ns.max
VCC = 5V
Figure 1.23.6. VCC = 5V timing diagram (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com