Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 190 Page - Mitsubishi Electric Semiconductor

Part # M30620FCAFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCAFP Datasheet(HTML) 190 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCAFP Datasheet HTML 186Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 187Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 188Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 189Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 190Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 191Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 192Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 193Page - Mitsubishi Electric Semiconductor M30620FCAFP Datasheet HTML 194Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 274 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 3V)
190
VCC = 3V
Timing requirements (referenced to VCC = 3V, VSS = 0V at Topr = – 20oC to 85oC / – 40oC to 85oC (*)
unless otherwise specified)
* : Specify a product of -40
°C to 85°C to use it.
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tw(TAL)
TAiIN input LOW pulse width
60
ns
tc(TA)
TAiIN input cycle time
150
ns
tw(TAH)
TAiIN input HIGH pulse width
60
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tc(TA)
TAiIN input cycle time
600
ns
tw(TAH)
TAiIN input HIGH pulse width
300
ns
tw(TAL)
TAiIN input LOW pulse width
300
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tc(TA)
TAiIN input cycle time
300
ns
tw(TAH)
TAiIN input HIGH pulse width
150
ns
tw(TAL)
TAiIN input LOW pulse width
150
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tw(TAH)
TAiIN input HIGH pulse width
150
ns
tw(TAL)
TAiIN input LOW pulse width
150
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tc(UP)
TAiOUT input cycle time
3000
ns
tw(UPH)
TAiOUT input HIGH pulse width
1500
ns
tw(UPL)
TAiOUT input LOW pulse width
1500
ns
tsu(UP-TIN)
TAiOUT input setup time
600
ns
th(TIN-UP)
TAiOUT input hold time
600
Table 1.23.27. Timer A input (gating input in timer mode)
Table 1.23.28. Timer A input (external trigger input in one-shot timer mode)
Table 1.23.29. Timer A input (external trigger input in pulse width modulation mode)
Table 1.23.30. Timer A input (up/down input in event counter mode)
Table 1.23.26. Timer A input (counter input in event counter mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com