Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3607CE Datasheet(PDF) 49 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 49 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 45Page - Richtek Technology Corporation RT3607CE Datasheet HTML 46Page - Richtek Technology Corporation RT3607CE Datasheet HTML 47Page - Richtek Technology Corporation RT3607CE Datasheet HTML 48Page - Richtek Technology Corporation RT3607CE Datasheet HTML 49Page - Richtek Technology Corporation RT3607CE Datasheet HTML 50Page - Richtek Technology Corporation RT3607CE Datasheet HTML 51Page - Richtek Technology Corporation RT3607CE Datasheet HTML 52Page - Richtek Technology Corporation RT3607CE Datasheet HTML 53Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
49
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Design Step :
RT3607CE Excel based design tool is available. Users
can contact your Richtek representative to get the
spreadsheet. Three main design procedures for RT3607CE
design, first step is initial settings, second step is loop
design and the last step is protection settings. The
following design example is to explain the RT3607CE
design procedure :
VCORE Specification
Input Voltage
12V
No. of Phases
4
ICCMAX
110A
ICC-DY
80A
ICC-TDC
85A
Load Line
1.7m
Fast Slew Rate
10mV/
s
Max Switching
Frequency
400kHz
In IMVP8 VRTB Guideline, the output filter requirements
of VRTB specification for desktop platform are :
Output Inductor : 220nH/0.49m
Ω
Output Bulk Capacitor : 560
μF/2.5V/5mΩ(max) 4 to 5pcs
Output Ceramic Capacitor : 22
μF/0805 (14pcs max in-
cavity)
Output Ceramic Capacitor : 10
μF/0805 (5pcs max
periphery)
(1) Initial Settings :
RT3607CE initial voltage is 0.9V
IBIAS needs to connect a 100k
Ω resistor to ground.
A voltage divider for setting DVD can choose RDVD_U =
510k
Ω and RDVD_L = 125kΩ to set VDVD > 2V,
RT3607CE enabled.
(2) Loop Design :
On time setting : Using the specification, TON is
TON
ON
DAC
IN
DAC
R
4.73p 1.2
T
(V
1.2) 173n
VV


Current sensor adopts lossless RC filter to sense
current signal in DCR. For getting an expect load
transient waveform, RxCx time constant needs to
match Lx/DCRx per phase. Cx = 0.47
μF is set, then
The on time setting resistor RTON = 330k
Ω
X
X
X
L
R960
0.47 F DCR


IMON resistor network design : TL = 25
°C, TR = 50°C
and TH = 100
°C are decided, NTC thermistor =
100k
Ω@25°C, β = 4485 and ICCMAX = 110A.
According to the sub-section “Current Loop Design in
Details”, RIMON1 = 7.32k
Ω, RIMON2 = 14.619kΩ and
RIMON3 = 14.177k
Ω can be decided. The REQ (25°C) =
20.82k
Ω.
Load-line design : 1.7m
Ω droop is requirement,
because R
EQ(25°C) has decided, the voltage loop Av
gain is also can be decided by following equation :

EQ
CS
I
LL
V
1 DCR
R
3R
A
Rm
R2
A
R1


Where DCR(25
°C) = 0.49mΩ, RCS = 680Ω and
REQ(25
°C) = 20.82kΩ. Hence, the AV = R2 / R1 = 2.87
can be obtained. R1 = 10k
Ω is usually decided, so R2
= 28.66k
Ω.
Typical compensator design can use the following
equations to design the C1 and C2 values
SW
OUT
1
C1
80pF
R1 π f
C
ESR
C2
98pF
R2



For Intel platform, in order to induce the band width to
enhance transient performance to meet Intel's criterion,
the compensator of Zero can be designed close to 1/
10 of switching frequency.
SET1 resistor network design : First the ICCMAX is
designed as 110A. Next, OCP threshold is designed
as 1.5 x ICCMAX. Last, DVID compensation parameters
need to be decided. The DVID_TH can be calculated
as following equation :
DVID_TH
OUT
dVID
V
= LL C
dt




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com