Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3607CE Datasheet(PDF) 55 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 55 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 51Page - Richtek Technology Corporation RT3607CE Datasheet HTML 52Page - Richtek Technology Corporation RT3607CE Datasheet HTML 53Page - Richtek Technology Corporation RT3607CE Datasheet HTML 54Page - Richtek Technology Corporation RT3607CE Datasheet HTML 55Page - Richtek Technology Corporation RT3607CE Datasheet HTML 56Page - Richtek Technology Corporation RT3607CE Datasheet HTML 57Page - Richtek Technology Corporation RT3607CE Datasheet HTML 58Page - Richtek Technology Corporation RT3607CE Datasheet HTML 59Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
55
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
SETA1
REF
REF
R2
V
=
V
R1+R2
(V
is 3.2V during Pin Setting)
ICCMAXA
Unit
Min
Typical
Max
Unit
988.465
991.593
994.721
mV
158
A
1000.978
1004.106
1007.234
mV
160
A
1013.490
1016.618
1019.746
mV
162
A
1026.002
1029.130
1032.258
mV
164
A
1038.514
1041.642
1044.770
mV
166
A
1051.026
1054.154
1057.283
mV
168
A
1063.539
1066.667
1069.795
mV
170
A
1076.051
1079.179
1082.307
mV
172
A
1088.563
1091.691
1094.819
mV
174
A
1101.075
1104.203
1107.331
mV
176
A
1113.587
1116.716
1119.844
mV
178
A
1126.100
1129.228
1132.356
mV
180
A
1138.612
1141.740
1144.868
mV
182
A
1151.124
1154.252
1157.380
mV
184
A
1163.636
1166.764
1169.892
mV
186
A
1176.149
1179.277
1182.405
mV
188
A
1188.661
1191.789
1194.917
mV
190
A
1201.173
1204.301
1207.429
mV
192
A
1213.685
1216.813
1219.941
mV
194
A
1226.197
1229.326
1232.454
mV
196
A
1238.710
1241.838
1244.966
mV
198
A
1251.222
1254.350
1257.478
mV
200
A
1263.734
1266.862
1269.990
mV
202
A
1276.246
1279.374
1282.502
mV
204
A
1288.759
1291.887
1295.015
mV
206
A
1301.271
1304.399
1307.527
mV
208
A
1313.783
1316.911
1320.039
mV
210
A
1326.295
1329.423
1332.551
mV
212
A
1338.807
1341.935
1345.064
mV
214
A
1351.320
1354.448
1357.576
mV
216
A
1363.832
1366.960
1370.088
mV
218
A
1376.344
1379.472
1382.600
mV
220
A
1388.856
1391.984
1395.112
mV
222
A
1401.369
1404.497
1407.625
mV
224
A
1413.881
1417.009
1420.137
mV
226
A
1426.393
1429.521
1432.649
mV
228
A
1438.905
1442.033
1445.161
mV
230
A
1451.417
1454.545
1457.674
mV
232
A
1463.930
1467.058
1470.186
mV
234
A
1476.442
1479.570
1482.698
mV
236
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com