Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3607CE Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 24Page - Richtek Technology Corporation RT3607CE Datasheet HTML 25Page - Richtek Technology Corporation RT3607CE Datasheet HTML 26Page - Richtek Technology Corporation RT3607CE Datasheet HTML 27Page - Richtek Technology Corporation RT3607CE Datasheet HTML 28Page - Richtek Technology Corporation RT3607CE Datasheet HTML 29Page - Richtek Technology Corporation RT3607CE Datasheet HTML 30Page - Richtek Technology Corporation RT3607CE Datasheet HTML 31Page - Richtek Technology Corporation RT3607CE Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
28
RT3607CE
www.richtek.com
DS3607CE-01 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 4. SET3 Pin Setting for Enable PSYS Function, Enable High Switching Frequency Ramp, DVID Slew
Rate, Disable DVID compensation, Decrease GTU/SA Ramp Amplitude
(Only Active in max phase =1 Application)
SET3
R1 R2
V80μA
R1 R2

EN PSYS
EN HIGH
FREQ RAMP
DVID SR
Disable DIVD
Compensation
Decrease GTU/SA
Ramp
(Only active as max
phase number =1)
Min
Typical
Max
Unit
0.000
10.948
21.896
mV
Disable
Disable
33.75mV/
s
Disable
Disable
25.024
35.973
46.921
mV
50.049
60.997
71.945
mV
Enable
75.073
86.022
96.970
mV
100.098 111.046 121.994
mV
Enable
Disable
125.122 136.070 147.019
mV
150.147 161.095 172.043
mV
Enable
175.171 186.119 197.067
mV
200.196 211.144 222.092
mV
11.25mV/
s
Disable
Disable
225.220 236.168 247.116
mV
250.244 261.193 272.141
mV
Enable
275.269 286.217 297.165
mV
300.293 311.241 322.190
mV
Enable
Disable
325.318 336.266 347.214
mV
350.342 361.290 372.239
mV
Enable
375.367 386.315 397.263
mV
400.391 411.339 422.287
mV
Enable
33.75mV/
s
Disable
Disable
425.415 436.364 447.312
mV
450.440 461.388 472.336
mV
Enable
475.464 486.413 497.361
mV
500.489 511.437 522.385
mV
Enable
Disable
525.513 536.461 547.410
mV
550.538 561.486 572.434
mV
Enable
575.562 586.510 597.458
mV
600.587 611.535 622.483
mV
11.25mV/
s
Disable
Disable
625.611 636.559 647.507
mV
650.635 661.584 672.532
mV
Enable
675.660 686.608 697.556
mV
700.684 711.632 722.581
mV
Enable
Disable
725.709 736.657 747.605
mV
750.733 761.681 772.630
mV
Enable
775.758 786.706 797.654
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com