Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3607CE Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 9Page - Richtek Technology Corporation RT3607CE Datasheet HTML 10Page - Richtek Technology Corporation RT3607CE Datasheet HTML 11Page - Richtek Technology Corporation RT3607CE Datasheet HTML 12Page - Richtek Technology Corporation RT3607CE Datasheet HTML 13Page - Richtek Technology Corporation RT3607CE Datasheet HTML 14Page - Richtek Technology Corporation RT3607CE Datasheet HTML 15Page - Richtek Technology Corporation RT3607CE Datasheet HTML 16Page - Richtek Technology Corporation RT3607CE Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
13
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions
(Note 4)
Supply Voltage, VCC ----------------------------------------------------------------------------------------------- 4.5V to 5.5V
Junction Temperature Range -------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
VCC to GND ---------------------------------------------------------------------------------------------------------
−0.3V to 6.5V
RGND to GND -------------------------------------------------------------------------------------------------------
−0.3V to 0.3V
TONSET to GND ----------------------------------------------------------------------------------------------------
−0.3V to 28
Other Pins------------------------------------------------------------------------------------------------------------
−0.3V to (VCC + 0.3V)
Power Dissipation, PD @ TA = 25
°C
WQFN-56L 6x6 ----------------------------------------------------------------------------------------------------- 3.81W
Package Thermal Resistance (Note 2)
WQFN-56L 6x6,
θJA ------------------------------------------------------------------------------------------------ 26.2°C/W
WQFN-56L 6x6,
θJC ----------------------------------------------------------------------------------------------- 2.7°C/W
Junction Temperature ---------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------ 260
°C
Storage Temperature Range -------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) --------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VCC = 5V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Input
Supply Voltage
VCC
4.5
5
5.5
V
Supply Current
IVCC
VEN = H, No Switching
--
13
--
mA
Supply Current at PS3
IVCC_PS4
VEN = H, No Switching
--
0.1
--
Shutdown Current
ISHDN
VEN = 0V
--
--
5
A
Reference and DAC
DAC Accuracy
VFB
VDAC = 0.75V
1.52V
0.5%
0
0.5% % of VID
VDAC = 0.5V
0.745V
8
0
8
mV
VDAC = 0.25V
0.495V
10
0
10
Slew Rate
Dynamic VID Slew Rate
SR (S Line)
Set VID Fast
--
11.25
--
mV/
s
Set VID Slow
--
5.625
--
Dynamic VID Slew Rate
SR
(H,Y,U Line)
Set VID Fast
--
33.75
--
mV/s
Set VID Slow
--
16.875
--
EA
DC Gain
EAGAIN
RL = 47k
70
--
--
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com