Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3607CE Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 28Page - Richtek Technology Corporation RT3607CE Datasheet HTML 29Page - Richtek Technology Corporation RT3607CE Datasheet HTML 30Page - Richtek Technology Corporation RT3607CE Datasheet HTML 31Page - Richtek Technology Corporation RT3607CE Datasheet HTML 32Page - Richtek Technology Corporation RT3607CE Datasheet HTML 33Page - Richtek Technology Corporation RT3607CE Datasheet HTML 34Page - Richtek Technology Corporation RT3607CE Datasheet HTML 35Page - Richtek Technology Corporation RT3607CE Datasheet HTML 36Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
32
RT3607CE
www.richtek.com
DS3607CE-01 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 9. POR Detection
Figure 10. Timing Chart for POR Process
Core VR
Phase Disable (Before POR)
The number of active phases is determined by the internal
circuitry that monitors the ISENxN voltages during startup.
Normally, the VR operates as a 4-phase PWM controller.
Pulling ISEN4N to VCC programs a 3-phase operation,
pulling ISEN3N and ISEN4N to VCC programs a 2-phase
operation, and pulling ISEN2N, ISEN3N and ISEN4N to
VCC programs a 1-phase operation. Before POR, VR
detects whether the voltages of ISEN2N, ISEN3N and
ISEN4N are higher than “VCC
− 1V”, respectively to
decide how many phases should be active. Phase
selection is only active during POR. When POR = high,
the number of active phases is determined and latched.
The unused ISENxP pins are recommended to be
connected to VCC and unused PWM pins can be left
floating.
Switching Frequency Setting
The RT3607CE is one kind of constant on-time control.
The patented CCRCOT (Constant Current Ripple COT)
technology can generate an adaptive on-time, the on-time
will vary with the input voltage and VID code to obtain a
constant current ripple, so that the output voltage ripple
can be controlled nearly like a constant as different input
and output voltages change.
For Core VR, connect a resistor RTON between input
terminal and the TONSET pin to set the on-time width.
TON
ON
DAC
IN
DAC
TON
DAC
ON
DAC
IN
DAC
R
4.73p 1.2
T(V
1.2)
VV
R4.73p V
T(V
1.2)
VV




For better efficiency of the given load range, the maximum
switching frequency is suggested to be :

SW(MAX)
ON_LS,max
LL
LS
ON_LS,max
ON_HS,max
ON_LS,max
IN(MAX)
ON
D
ON,VAR
D
LS
HS
LS
F
R
IccTDC
VID1
DCR
N R
Nn
RR
R
IccTDC
IccTDC
VT
T
T
T
Nn
n
N
n


 











where FSW(MAX) is the maximum switching frequency, VID1
is the typical VID of application, VIN(MAX) is the maximum
application input voltage, IccTDC is the thermal design
current of application, N is the phase number. The
RON_HS,max is the maximum equivalent high-side RDS(ON) ,
and nHS is the number of high-side MOSFETs ; RON_LS,max
is the maximum equivalent low-side RDS(ON), and nLS is
the number of low-side MOSFETs. TD is the summation
of the high-side MOSFET delay time and the rising time,
TON, VAR is the TON variation value. DCR is the inductor
DCR, and RLL is the loadline setting. In addition, Richtek
provides a Microsoft Excel-based spreadsheet to help
design the RTON for RT3607CE.
When load increases, on-time keeps constant. The off-
time width will be reduced so that loading can load more
power from input terminal to regulate output voltage.
Hence, the loading current usually increases in case the
switching frequency also increases. Higher switching
frequency operation can reduce power components' size
and PCB space, trading off the whole efficiency since
switching related loss increases, vice versa.
VCC
DVD
POR
EN
SVID Invalid
Invalid
Valid
2ms
+
-
+
-
+
-
POR
Chip
Enable
4.34V
2V
0.7V
CP
CP
CP
VCC
DVD
EN
R1
R2
VTT
1.05V
VIN 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com