Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A42180-R Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # A42180-R
Description  Full Code of Z-Power LED Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

A42180-R Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button A42180-R Datasheet HTML 3Page - Seoul Semiconductor A42180-R Datasheet HTML 4Page - Seoul Semiconductor A42180-R Datasheet HTML 5Page - Seoul Semiconductor A42180-R Datasheet HTML 6Page - Seoul Semiconductor A42180-R Datasheet HTML 7Page - Seoul Semiconductor A42180-R Datasheet HTML 8Page - Seoul Semiconductor A42180-R Datasheet HTML 9Page - Seoul Semiconductor A42180-R Datasheet HTML 10Page - Seoul Semiconductor A42180-R Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Rev. 10
Rev. 10
February. 2011
February. 2011
www.acriche.com
www.acriche.com
7
Document No. : SSC-QP-7-07-24 (Rev.00)
4. Natural White (S42180)
4-1 Electro-Optical characteristics at IF=350mA, TA=25ºC
4-2 Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Min
Typ
Max
Luminous Flux [1]
ФV [2]
-
76
-
lm
Correlated Color Temperature [3]
CCT
-
4000
-
K
CRI
Ra
-
93
-
-
Forward Voltage [4]
VF
3.0
3.25
4
V
View Angle
2Θ 1/2
124
deg.
Thermal resistance [5]
RθJ-B
8.8
ºC /W
Thermal resistance [6]
RθJ-C
7.2
ºC /W
--------------------------Caution--------------------------
1. Please do not drive at rated current more than 5 sec. without proper heat sink
Parameter
Symbol
Value
Unit
Forward Current
IF
800
mA
Power Dissipation
Pd
3.2
W
Junction Temperature
Tj
145
ºC
Operating Temperature
Topr
-40 ~ +85
ºC
Storage Temperature
Tstg
-40 ~ +100
ºC
ESD Sensitivity [8]
-
±
10,000V HBM
-
*Notes :
[1] SSC maintains a tolerance of ±10% on flux and power measurements.
[2] ФV is the total luminous flux output as measured with an integrated sphere.
[3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. CCT ±5%
tester tolerance.
[4] A tolerance of ±0.06V on forward voltage measurements
[5], [6] RθJ-B is measured with a SSC metal core pcb.(25 ºC ≤TJ ≤ 110 ºC)
RθJ-C is measured with only emitter. (25 ºC ≤TJ ≤ 110 ºC)
Break voltage of Metal PCB is 6.5kVAC.
[7] It is included the zener chip to protect the product from ESD.
Characteristics for Z-Power LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com