Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A42180-R Datasheet(PDF) 28 Page - Seoul Semiconductor

Part # A42180-R
Description  Full Code of Z-Power LED Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

A42180-R Datasheet(HTML) 28 Page - Seoul Semiconductor

Back Button A42180-R Datasheet HTML 24Page - Seoul Semiconductor A42180-R Datasheet HTML 25Page - Seoul Semiconductor A42180-R Datasheet HTML 26Page - Seoul Semiconductor A42180-R Datasheet HTML 27Page - Seoul Semiconductor A42180-R Datasheet HTML 28Page - Seoul Semiconductor A42180-R Datasheet HTML 29Page - Seoul Semiconductor A42180-R Datasheet HTML 30Page - Seoul Semiconductor A42180-R Datasheet HTML 31Page - Seoul Semiconductor A42180-R Datasheet HTML 32Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Rev. 10
Rev. 10
February. 2011
February. 2011
www.acriche.com
www.acriche.com
28
Document No. : SSC-QP-7-07-24 (Rev.00)
3. Reflow Soldering Conditions / Profile
4. Hand Soldering conditions
Lead : Not more than 3 seconds @MAX280℃
Slug : Use a thermal-adhesives
Pre-heating
200
180
150
0
220
240
260
Rising
5 °C/sec
Tm : Reflow machine setting temp (max 30 sec.)
Ts : Surface temp of PCB (min)
Ts : Surface temp of PCB (max)
Ts : Surface temp of PCB (recommend)
Cooling
-5 °C/sec
Time
[Hr]
* Caution
1. Reflow soldering should not be done more than one time.
2. Repairing should not be done after the LEDs have been soldered.
When repairing is unavoidable, suitable tools have to be used.
3. Die slug is to be soldered.
4. When soldering, do not put stress on the LEDs during heating.
5. After soldering, do not warp the circuit board.
6. Recommend to use a convection type reflow machine with 7 ~ 8 zones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com