Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A42180-R Datasheet(PDF) 22 Page - Seoul Semiconductor

Part # A42180-R
Description  Full Code of Z-Power LED Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

A42180-R Datasheet(HTML) 22 Page - Seoul Semiconductor

Back Button A42180-R Datasheet HTML 18Page - Seoul Semiconductor A42180-R Datasheet HTML 19Page - Seoul Semiconductor A42180-R Datasheet HTML 20Page - Seoul Semiconductor A42180-R Datasheet HTML 21Page - Seoul Semiconductor A42180-R Datasheet HTML 22Page - Seoul Semiconductor A42180-R Datasheet HTML 23Page - Seoul Semiconductor A42180-R Datasheet HTML 24Page - Seoul Semiconductor A42180-R Datasheet HTML 25Page - Seoul Semiconductor A42180-R Datasheet HTML 26Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Rev. 10
Rev. 10
February. 2011
February. 2011
www.acriche.com
www.acriche.com
22
Document No. : SSC-QP-7-07-24 (Rev.00)
1-1. Pure White, Warm White, Natural White, Green, Blue(Royal Blue)
(TJMAX = 145 ºC, @350mA)
1-2. Pure White, Warm White, Natural White, Green, Blue(Royal Blue)
(TJMAX = 145 ºC, @700mA)
0
255075
100
125
150
0
50
100
150
200
250
300
350
400
Rja
T
= 60
oC/W
Rja
T
= 50
oC/W
Rja
T
= 40
oC/W
Rja
T
= 30
oC/W
Ambient Temperature [
oC]
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
800
Rja
T
= 35
oC/W
Rja
T
= 30
oC/W
Rja
T
= 25
oC/W
Rja
T
= 20
oC/W
Ambient Temperature [
oC]
Ambient Temperature vs Allowable Forward Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com