Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A42180-R Datasheet(PDF) 18 Page - Seoul Semiconductor

Part # A42180-R
Description  Full Code of Z-Power LED Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

A42180-R Datasheet(HTML) 18 Page - Seoul Semiconductor

Back Button A42180-R Datasheet HTML 14Page - Seoul Semiconductor A42180-R Datasheet HTML 15Page - Seoul Semiconductor A42180-R Datasheet HTML 16Page - Seoul Semiconductor A42180-R Datasheet HTML 17Page - Seoul Semiconductor A42180-R Datasheet HTML 18Page - Seoul Semiconductor A42180-R Datasheet HTML 19Page - Seoul Semiconductor A42180-R Datasheet HTML 20Page - Seoul Semiconductor A42180-R Datasheet HTML 21Page - Seoul Semiconductor A42180-R Datasheet HTML 22Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Rev. 10
Rev. 10
February. 2011
February. 2011
www.acriche.com
www.acriche.com
18
Document No. : SSC-QP-7-07-24 (Rev.00)
3. Wavelength Shift vs Junction Temperature at IF=350mA
Junction Temperature Characteristics
2. Forward Voltage Shift vs. Junction Temperature at IF=350mA
25
50
75
100
125
150
0
2
4
6
8
10
12
Junction Temperature[
oC]
Red
Green
Blue(Royal Blue)
Amber
25
50
75
100
125
150
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
Junction Temperature [
OC]
Pure White, Warm White, Natural White, Blue(Royal Blue)
Red
Amber
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com