Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI01 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # PCI01
Description  Periphelar Coupled Input NPN
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI01 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button PCI01 Datasheet HTML 12Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 13Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 14Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 15Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 16Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 17Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 18Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 19Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
grifo®
ITALIAN TECHNOLOGY
Pagina 10
PCI 01
Rel. 3.00
K3 - CONNETTORE PER INGRESSI OPTOISOLATI SEZIONI C E D
Il connettore per il collegamento agli ingressi optoisolati NPN, denominato K3 sulla scheda, é del
tipo a scatolino con passo 2.54 mm, a 90 gradi, a 20 piedini con estrattore.
Sul connettore sono presenti i 16 ingressi della PCI 01 delle sezioni C e D ed anche le linee per
fornire alimentazione agli optoisolatori di bordo.
FIGURA 6: K2 - CONNETTORE PER INGRESSI OPTOISOLATI SEZIONI C E D
Legenda:
INC.n
=
I - Ingresso optoisolato NPN n della sezione C.
IND.n
=
I - Ingresso optoisolato NPN n della sezione D.
+24 Vdc (opto) =
I - Tensione di alimentazione di +24 Vdc, per gli optoisolatori d’ingresso.
GND opto
=
- Comune di alimentazione degli optoisolatori ingresso.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
IND.3
IND.2
IND.1
IND.0
INC.7
INC.6
INC.5
INC.4
IND.4
18
IND.5
IND.6
IND.7
INC.0
INC.1
INC.2
INC.3
+24 Vdc (opto)
GND opto
+24 Vdc (opto)
GND opto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com