Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC423 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC423
Description  Comlinear CLC423 94MHz, Single Supply Voltage Feedback Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC423 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC423 Datasheet HTML 1Page - National Semiconductor (TI) CLC423 Datasheet HTML 2Page - National Semiconductor (TI) CLC423 Datasheet HTML 3Page - National Semiconductor (TI) CLC423 Datasheet HTML 4Page - National Semiconductor (TI) CLC423 Datasheet HTML 5Page - National Semiconductor (TI) CLC423 Datasheet HTML 6Page - National Semiconductor (TI) CLC423 Datasheet HTML 7Page - National Semiconductor (TI) CLC423 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.national.com
4
CLC423 OPERATIONS
Description
The CLC423 is a voltage feedback amplifier designed for
single supply operation. The CLC423 is a single version
of the CLC427 with the following features:
s
Operates from a single +5V supply
s
Maintains near rail-to-rail performance
s
Includes the negative rail (0V) in the Common
Mode Input Range (CMIR)
s
Offers low -74/-94dBc 2nd and 3rd harmonic
distortion
s
Provides BW > 20MHz and 1MHz distortion
< -50dBc at Vo = 4Vpp
Single Supply Operation (VCC = +5V, VEE = GND)
The CLC423 is designed to operate from 0 and 5V
supplies. The specifications given in the
Electrical
Characteristics table are measured with a common
mode voltage (Vcm) of 2.5V. Vcm is the voltage around
which the inputs are applied and the output voltages are
specified.
Operating from a single +5V supply, the CMIR of the
CLC423 is typically 0V to +3.7V. The typical output range
with RL = 150Ω is +0.35V to +4.5V.
For DC coupled single supply operation, it is recom-
mended that input signal levels remain above ground.
For input signals that drop below ground, AC coupling
and level shifting the signal are possible remedies.
For input signals that remain above ground, no
adjustments need to be made. The non-inverting and
inverting configurations for both input conditions are
illustrated in the following 2 sections.
DC Coupled Single Supply Operation
Figures 1 and 2 show the recommended non-inverting
and inverting configurations for purely positive input
signals.
Figure 1: Non-inverting Configuration
Figure 2: Inverting Configuration
AC Coupled Single Supply Operation
Figures 3 and 4 show possible non-inverting and
inverting configurations for input signals that go below
ground. The input is AC coupled to prevent the need
for level shifting the input signal at the source.
The
resistive voltage divider biases the non-inverting input to
VCC ÷ 2 = 2.5V.
Figure 3: AC Coupled Non-inverting Configuration
Figure 4: AC Coupled Inverting Configuration
+
-
CLC423
Rf
0.1
µF
6.8
µF
Vo
Vin
+5V
Rg
Rt
3
2
4
7
6
V
V
1
R
R
o
in
f
g
=+
+
CLC423
3
2
7
6
+
-
Rf
0.1
µF
6.8
µF
Vo
Vin
+5V
Rb
4
Rg
Rt
V
V
R
R
o
in
f
g
=−
Select R to yield
desired R
R || R
t
in
tg
=
+
3
2
7
6
CLC423
+
-
Rf
0.1
µF
6.8
µF
Vo
Vin
+5V
Rg
R
4
C
Cc
R
+
VV
1
R
R
2.5
o
in
f
g
=+
 +
low frequency cutoff
1
2R C
, where: R
R
2
in
c
in
==
π
2.5V
RRsource
>>
RC
RC
gc
>>
CLC423
3
2
7
6
+
-
Rf
0.1
µF
6.8
µF
Vo
Vin
+5V
R
4
Cc
R
+
VV
R
R
2.5
o
in
f
g
=−
 +
low frequency cutoff
1
2R C
gc
=
π
2.5V
Rg



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com