Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC423 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC423
Description  Comlinear CLC423 94MHz, Single Supply Voltage Feedback Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC423 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC423 Datasheet HTML 1Page - National Semiconductor (TI) CLC423 Datasheet HTML 2Page - National Semiconductor (TI) CLC423 Datasheet HTML 3Page - National Semiconductor (TI) CLC423 Datasheet HTML 4Page - National Semiconductor (TI) CLC423 Datasheet HTML 5Page - National Semiconductor (TI) CLC423 Datasheet HTML 6Page - National Semiconductor (TI) CLC423 Datasheet HTML 7Page - National Semiconductor (TI) CLC423 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
s
Single +5V supply
s
Input includes VEE
s
94MHz unity-gain bandwidth
s
-74/-94dBc HD2/HD3
s
60mA output current
s
7.5ns rise/fall time (1Vpp)
s
46ns settling time to 0.1%
Applications
s
Video ADC driver
s
Desktop multimedia
s
Single supply cable driver
s
Instrumentation
s
Video cards
s
Wireless IF amplifiers
s
Telecommunications
General Description
The Comlinear CLC423 is a wideband voltage-feedback
operational amplifier that is uniquely designed to provide high
performance from a single power supply. The CLC423 provides
near rail-to-rail operation and the common-mode input range
includes the negative rail. The CLC423 offers plenty of head-
room for single-supply applications as evidenced by its 4.3Vpp
output voltage from a single 5V supply.
Fabricated with a high-speed complementary bipolar process, the
CLC423 delivers a wide 94MHz unity-gain bandwidth, 7.5ns
rise/fall time and 150V/
µs slew rate. For single supply applications
such as video distribution or desktop multimedia, the CLC423
offers low 0.35%, 0.55° differential gain and phase errors.
The CLC423 provides high signal fidelity with -74/-94dBc 2nd/3rd
harmonics (1Vpp, 1MHz, RL=150Ω). Combining this high fidelity
performance with CLC423’s quick 46ns settling time to 0.1%
makes it an excellent choice for ADC buffering.
With its traditional voltage-feedback architecture and high-speed
performance, the CLC423 is the perfect choice for composite
signal conditioning circuit functions such as active filters,
integrators, differentiators, simple gain blocks and buffering.
Vin
50
Ω
250
Ω
+
-
250
Ω
0.1
µF
6.8
µF
150
Ω
NOTE: Vin = 0.15V to 2.3V
CLC423
Vo
+5V
+
Typical Application
Single +5V Supply operation
Comlinear CLC423
94MHz, Single Supply Voltage Feedback Op Amp
Frequency Response vs. Vout
Frequency (MHz)
1
10
100
1Vpp
2Vpp
4Vpp
Av = +2V/V
VEE
Pinout
DIP & SOIC
Single Supply Response
Time (100ns/div)
VEE
0
1
2
3
4
VCC
5
August 1996
N
© 1996 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC423

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC420AJE NSC-CLC420AJE Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC420AJE-TR13 NSC-CLC420AJE-TR13 Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC420AJP NSC-CLC420AJP Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
Ultra Low Noise Wideband Op Amp
More results

Similar Description - CLC423

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
Precision, Single Supply Op Amp?
logo
National Semiconductor ...
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
900MHz Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
logo
Linear Technology
LT1006 LINER-LT1006_02 Datasheet
292Kb / 16P
Precision, Single Supply Op Amp
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
Precision, Single Supply Op Amp
logo
Texas Instruments
LMH6609 TI1-LMH6609 Datasheet
1Mb / 26P
LMH6609 900MHz Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com