Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC423 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC423
Description  Comlinear CLC423 94MHz, Single Supply Voltage Feedback Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC423 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC423 Datasheet HTML 1Page - National Semiconductor (TI) CLC423 Datasheet HTML 2Page - National Semiconductor (TI) CLC423 Datasheet HTML 3Page - National Semiconductor (TI) CLC423 Datasheet HTML 4Page - National Semiconductor (TI) CLC423 Datasheet HTML 5Page - National Semiconductor (TI) CLC423 Datasheet HTML 6Page - National Semiconductor (TI) CLC423 Datasheet HTML 7Page - National Semiconductor (TI) CLC423 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
http://www.national.com
Load Termination
Since the CLC423 design has been optimized for Single
Supply Operation, it is more capable of sourcing rather
than sinking current. For optimum performance, the load
should be tied to VEE. When the load is tied to VEE, the
output always sources current.
Output Overdrive Recovery
When the output range of an amplifier is exceeded, time
is required for the amplifier to recover from this over
driven condition.
Figure 5 illustrates the overload
recovery of the CLC423 when the output is overdriven.
An input was applied in an attempt to drive the output to
twice the supply rails (2 • (VCC -VEE) = 10V), but the
output limits. An inverting gain topolgy was used, see
Figure 2.
As indicated, the CLC423 recovers within
25ns on the rising edge and within 10ns on the falling
edge.
Figure 5: Overdrive Recovery
Driving Cables and Capacitive Loads
When driving cables, double termination is used to
prevent reflections. For capacitive load applications, a
small series resistor at the output of the CLC423
will improve stability and settling performance.
The
Frequency Response vs. CL plot, in the typical
performance section, gives the recommended series
resistance value for optimum flatness at various
capacitive loads.
Transmission Line Matching
One method for matching the characteristic impedance
(Zo) of a transmission line or cable is to place the
appropriate resistor at the input or output of the amplifier.
Figure 6 shows typical inverting and non-inverting circuit
configurations for matching transmission lines.
Figure 6: Transmission Line Matching
Non-inverting gain applications:
s
Connect Rg directly to ground.
s
Make R1, R2, R6, and R7 equal to Zo.
s
Use R3 to isolate the amplifier from reactive
loading caused by the transmission line, or
by parasitics.
Inverting gain applications:
s
Connect R3 directly to ground.
s
Make the resistors R4, R6, and R7 equal to Zo.
s
Make R5 II Rg = Zo.
The input and output matching resistors attenuate the
signal by a factor of 2, therefore additional gain is
needed. Use C6 to match the output transmission line
over a greater frequency range. C6 compensates for the
increase of the amplifier’s output impedance with
frequency.
Power Dissipation
Follow these steps to determine the power consumption
of the CLC423:
1. Calculate the quiescent (no-load) power:
Pamp = ICC (VCC - VEE)
2. Calculate the RMS power at the output stage:
Po = (VCC - Vload) (Iload), where Vload and
Iload are the RMS voltage and current across
the external load.
3. Calculate the total RMS power:
Pt = Pamp + Po
The maximum power that the DIP and SOIC packages
can dissipate at a given temperature is illustrated in
Figure 7. The power derating curve for any package can
be derived by utilizing the following equation:
where:
Tamb = Ambient temperature (°C)
θja = Thermal resistance, from junction to ambient, for a
given package (°C/W)
Figure 7: Power Derating Curves
p
Time (50ns/div)
Input
Output
CLC423
+
-
Fi
R3
Z0
R6
Vo
Z0
R1
R2
+
-
Rg
Z0
R4
R5
V1
V2 +-
Rf
C6
R7
Ambient Temperature (
°C)
0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100 120 140 160 180
AJP
AJE
(175
Tamb
JA
°−
)
θ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com