Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC423 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC423
Description  Comlinear CLC423 94MHz, Single Supply Voltage Feedback Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC423 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  CLC423 Datasheet HTML 1Page - National Semiconductor (TI) CLC423 Datasheet HTML 2Page - National Semiconductor (TI) CLC423 Datasheet HTML 3Page - National Semiconductor (TI) CLC423 Datasheet HTML 4Page - National Semiconductor (TI) CLC423 Datasheet HTML 5Page - National Semiconductor (TI) CLC423 Datasheet HTML 6Page - National Semiconductor (TI) CLC423 Datasheet HTML 7Page - National Semiconductor (TI) CLC423 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
http://www.national.com
This example illustrates a bandpass filter with Q = 4 and
center frequency fc = 1MHz. Figure 10 indicates the
filter response.
Figure 9: Bandpass Filter Topology
Figure 10: Bandpass Response
Frequency (MHz)
40
30
20
-10
1
10
10
0
30.6dB
940kHz
+
-
CLC423
R2
3.16k
Ω
0.1
µF
6.8
µF
Vo
Vin
+5V
5.1k
Ω
3
2
4
7
6
5.1k
Ω
+
C
390pF
C
390pF
R1
50
Ω
R
Q
fc
f
resonant frequency
R
R
4Q
A
2Q
A
mid band gain
2
r
r
1
2
2
2
==
==
=
−
π
Ordering Information
Model
Temperature Range
Description
CLC423AJP
-40°C to +85°C
8-pin PDIP
CLC423AJE
-40°C to +85°C
8-pin SOIC
Package Thermal Resistance
Package
qJC
qJA
Plastic (AJP)
100°C/W
15°C/W
Surface Mount (AJE)
145°C/W
165°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com