Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC423 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC423
Description  Comlinear CLC423 94MHz, Single Supply Voltage Feedback Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC423 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  CLC423 Datasheet HTML 1Page - National Semiconductor (TI) CLC423 Datasheet HTML 2Page - National Semiconductor (TI) CLC423 Datasheet HTML 3Page - National Semiconductor (TI) CLC423 Datasheet HTML 4Page - National Semiconductor (TI) CLC423 Datasheet HTML 5Page - National Semiconductor (TI) CLC423 Datasheet HTML 6Page - National Semiconductor (TI) CLC423 Datasheet HTML 7Page - National Semiconductor (TI) CLC423 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
http://www.national.com
6
Layout Considerations
A proper printed circuit layout is essential for achieving
high frequency performance. Comlinear provides evalu-
ation boards for the CLC423 (730013 - DIP, 730027-
SOIC) and suggests their use as a guide for high
frequency layout and as an aid for device testing and
characterization.
General layout and supply bypassing play major roles in
high frequency performance. Follow the steps below as
a basis for high frequency layout:
s
Include 6.8
µF tantalum and 0.1µF ceramic
capacitors on both supplies.
s
Place the 6.8
µF capacitors within 0.75 inches
of the power pins.
s
Place the 0.1
µF capacitors less than 0.1 inches
from the power pins.
s
Remove the ground plane under and around
the part, especially near the input and output
pins to reduce parasitic capacitance.
s
Minimize all trace lengths to reduce series
inductances.
s
Use flush-mount printed circuit board pins for
prototyping, never use high profile DIP sockets.
Evaluation Board Information
A data sheet is available for the CLC730013 and
CLC730027 evaluation boards. This 8-pin op amp
evaluation board data sheet provides:
s
Evaluation board schematics
s
Evaluation board layouts for both DIP and
SOIC boards
s
General information about the boards
The data sheet also contains tables of recommended
components to evaluate several of Comlinear’s high
speed amplifiers.
This table for the CLC423 is
illustrated below.
Refer to the evaluation board data
sheet for schematics and further information.
Components Needed to Evaluate
the CLC423 on the Evaluation Board:
s
Rf, Rg - Use this product data sheet to
select values
s
Rin, Rout - Typically 50Ω (Refer to the Basic
Operation section of the evaluation board
data sheet for details)
s
Rt - Optional resistor for inverting gain
configurations (Select Rt to yield desired input
impedance = Rg || Rt)
s
C1, C2 - 0.1µF ceramic capacitors
s
C3, C4 - 6.8µF tantalum capacitors
Components not used:
s
C5, C6, C7, C8
s
R1 thru R8
The evaluation boards are designed to accommodate
dual supplies. The boards can be modified to provide
single supply operation.
For best performance; 1) do
not connect the unused supply, 2)
provide a wide
jumper across C2. Use a jumper that is equal in width to
the trace connecting pin 4 to C2. This will minimize any
additional inductance caused by the jumper.
SPICE Models
SPICE models provide a means to evaluate amplifier
designs.
Free
SPICE
models
are
available
for
Comlinear’s monolithic amplifiers that:
s
Support Berkeley SPICE 2G and its many
derivatives
s
Reproduce typical DC, AC, Transient, and
Noise performance
s
Support room temperature simulations
The
readme file that accompanies the diskette lists
released models, and provides a list of modeled parame-
ters.
The application note OA-18, Simulation SPICE
Models for Comlinear’s Op Amps, contains schematics
and a reproduction of the readme file.
Typical Application Circuit
The typical application shown on the front page illustrates
the near rail-to-rail performance of the CLC423.
Single Supply Cable Driver
Figure 8 illustrates the CLC423 in a typical single
supply cable driving application. The CLC423 is set for
a gain of +2V/V to compensate for the divide-by-two
voltage drop at Vo.
Figure 8: Single Supply Cable Driver
Multiple Feedback Bandpass Filter
Figure 9 illustrates a bandpass filter and design
equations. The circuit operates from a single supply of
+5V. The voltage divider biases the non-inverting input to
2.5V. The input is AC coupled to prevent the need for
level shifting the input signal at the source.
Use the
design equations to determine R1 and R2 based on the
desired Q and center frequency.
Applications Circuits
+
-
CLC423
250
Ω
0.1
µF
6.8
µF
Vo
Vin
+5V
3
2
4
7
6
+
250
Ω
5k
Ω
5k
Ω
0.1
µF
75
Ω Coaxial
Cable
75
Ω
0.1
µF
75
Ω
0.1
µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com