Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1661-MAX1663 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1661-MAX1663
Description  Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1661-MAX1663 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1661-MAX1663 Datasheet HTML 4Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 5Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 6Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 7Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 8Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 9Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 10Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 11Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Serial-to-Parallel/Parallel-to-Serial Converters and
Load-Switch Controllers with SMBus Interface
8
_______________________________________________________________________________________
and with the software START-STOP method (software
interrupts are discussed in the
START-STOP Software
Interrupt section). The I/O interrupts can be masked
individually. In addition, the software START-STOP
interrupt can be masked independently. The power-on-
reset state masks the START-STOP interrupt, as well as
the individual I/O interrupts to the ALERT pin (Table 1).
The thermal-shutdown interrupt cannot be masked.
Note that excessive noise on the supply can cause
false interrupts (see
Applications Information).
The MAX1661/MAX1662/MAX1663 are slave-only
devices that never initiate communications, except
when asserting an interrupt by forcing ALERT low, or
via the software START-STOP interrupt.
Alert Response Address (0001100)
The Alert Response (interrupt pointer) address pro-
vides quick fault identification for simple slave devices
that lack the complex, expensive logic needed to be a
bus master. When a slave device generates an inter-
Receive-Byte Format
ADDRESS
READ
ACK
DATA
ACK
START
CONDITION
7 bits
1 bit
(high)
1 bit
(low)
8 bits
1 bit
(high-Z)
STOP
CONDITION
ACK = SMBDATA High
Shaded = Slave Transmission
SMBCLK
A = START CONDITION
B = MSB OF ADDRESS CLOCKED INTO SLAVE
C = LSB OF ADDRESS CLOCKED INTO SLAVE
D = R/W BIT CLOCKED INTO SLAVE
A
B
C
D
E
F
G
H
I
J
SMBDATA
tSU:STA tHD:STA
tLOW
tHIGH
tSU:DAT
tSU:STO
tBUF
K
E = SLAVE PULLS SMBDATA LINE LOW
F = ACKNOWLEDGE BIT CLOCKED INTO MASTER
G = MSB OF DATA CLOCKED INTO MASTER
H = LSB OF DATA CLOCKED INTO MASTER
I = ACKNOWLEDGE CLOCK PULSE
J = STOP CONDITION
K = NEW START CONDITION
Figure 2b. SMBus Receive-Byte Timing Diagram and Format
Table 3. Format for Receive-Byte Data
BIT
NAME
POR STATE
FUNCTION
LATCHED
7 (MSB)
—
0
Not used
—
6
—
0
Not used
—
5
—
0
Not used
—
4
—
0
Not used
—
3
THSD
N/A
This bit indicates a thermal shutdown.
Yes
2
Data 3
N/A
This bit indicates the state of I/O3 (high or low).
No
1
Data 2
N/A
This bit indicates the state of I/O2 (high or low).
No
0
Data 1
N/A
This bit indicates the state of I/O1 (high or low).
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com