Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1661-MAX1663 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1661-MAX1663
Description  Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1661-MAX1663 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1661-MAX1663 Datasheet HTML 1Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 2Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 3Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 4Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 5Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 6Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 7Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 8Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Serial-to-Parallel/Parallel-to-Serial Converters and
Load-Switch Controllers with SMBus Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are for TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
I/O to GND (I/O1, I/O2, I/O3) ..................................-0.3V to +30V
I/O Sink Current (I/O1, I/O2, I/O3),
Internally Limited.............................................-1mA to +50mA
Digital Inputs to GND (SMBCLK, SMBDATA,
SMBSUS, ALERT).................................................-0.3V to +6V
ADD to GND ...............................................-0.3V to (VCC + 0.3V)
SMBDATA Current, ALERT Current ....................-1mA to +50mA
Continuous Power Dissipation (TA = +70°C)
10-pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
Operating Temperature Range
MAX166_EUB ..................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
VCC falling
Measured between the 10% level of the falling
edge and the 10% level of the rising edge
Static condition; SMBDATA, SMBCLK, ADD,
ALERT = VCC or GND (Note 2)
Measured between the 90% level of the rising
edge and the 90% level of the falling edge
(Notes 3, 4)
SMBCLK, SMBDATA
V ALERT = 5.5V, high-Z state
VCC = 2.7V to 5.5V;
SMBDATA, SMBCLK, SMBSUS
VSMBDATA, VSMBCLK, V SMBSUS,
VADD = 0V, VCC
V ALERT = 0.4V
VSMBDATA = 0.6V
VI/O_ = 0V, VCC; high-impedance state
VI/O_ = 28V, high-impedance state
VI/O_ = 0.4V, VCC = 2.7V or 5.5V
VI/O_ = 1.0V, VCC = 4.5V
I/O1, I/O2, or I/O3; VCC = 4.5V
Typical hysteresis of 10°C
I/O_, SMBSUS, SMBCLK, SMBDATA
CONDITIONS
µs
4.7
tLOW
SMBCLK Low Time
µs
4
tHIGH
SMBCLK High Time
kHz
100
SMBus Clock Frequency
pF
5
SMBus Input Capacitance
µA
1
ALERT Output Leakage Current
mA
1
ALERT Output Low Sink Current
mA
6
SMBDATA Output Low Sink
Current
V
Logic Input Low Voltage
V
2.4
Logic Input High Voltage
V
1.2
1.6
2.5
Undervoltage Lockout/
Power-On Reset Threshold
µA
3
10
V
2.7
5.5
Input Voltage Range
Supply Current
V
0
5.5
SMBus Logic Input
Voltage Range
µA
-1
1
Digital Input Current
-1
0.5
1
µA
0.5
5
I/O Leakage Current
mA
2
I/O Sink Current
8
13
mA
15
20
50
I/O Current Limit
°C
140
Thermal Shutdown
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
0.8
I/O_, SMBSUS, SMBCLK, SMBDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com