Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1661-MAX1663 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1661-MAX1663
Description  Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1661-MAX1663 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1661-MAX1663 Datasheet HTML 1Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 2Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 3Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 4Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 5Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 6Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 7Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 8Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Serial-to-Parallel/Parallel-to-Serial Converters and
Load-Switch Controllers with SMBus Interface
_______________________________________________________________________________________
3
Note 1: Specifications from 0°C to -40°C are guaranteed by design, not production tested.
Note 2: Supply current is specified for static state only.
Note 3: The SMBus logic block is a static design that works with clock frequencies down to DC. While slow operation is possible, it
violates the 10kHz minimum clock frequency of the SMBus specifications, and may monopolize the bus.
Note 4: Refer to Figures 2a and 2b for SMBus timing parameter definitions (write and read diagrams).
Note 5: A transition must internally provide a hold time of 300ns to accommodate for the undefined region of the falling edge.
Note 6: Refer to Figure 3 for the acknowledge timing diagram and tDV parameter definition.
Note 7: Refer to Figure 5 for START-STOP interrupt timing diagrams and parameter definitions.
Note 8: Refer to Figure 4 for I/O setup and hold timing parameter definitions.
10% or 90% of SMBDATA
to 10% of the rising edge
of SMBCLK
Measured from 90% of the rising edge
of SMBCLK to 10% of the rising edge of
SMBDATA
Measured from 10% of the falling edge
of SMBDATA to 90% of the falling edge of
SMBCLK
Measured from 90% of the SMBCLK rising
edge to 90% of the SMBDATA falling edge
CONDITIONS
ns
500
tSU:DAT
µs
4
tSU:STO
SMBus Stop-Condition Setup
Time
µs
4
tHD:STA
Start-Condition Hold Time
µs
4.7
tSU:STA
Start-Condition Setup Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Measured from 10% or 90% of VI/O to 10% of
the rising edge of SMBCLK (Note 8)
Measured from SMBCLK rising edge to 10%
or 90% of I/O (Note 4)
Between stop and start conditions (Note 7)
Tested with a 10k
Ω pull-up resistor on
SMBDATA (Note 6)
(Notes 4, 5)
µs
15
tSU:I/O
I/O Data Valid to SMBCLK
Rising-Edge Setup Time
ns
100
tP:I/O
SMBus Write to I/O_
Propagation Delay
µs
4.7
tBUF
SMBus Bus-Free Time
µs
1
tDV
SMBCLK Falling Edge to
SMBus Data Valid Time
µs
0
tHD:DAT
SMBCLK Falling Edge to
SMBDATA Transition Hold Time
Measured from the 10% point of the falling
edge of SMBDATA to the 10% point of the
rising edge of SMBDATA (Note 7)
(Note 8)
µs
10
15
30
tLOW:SS
START-STOP Software-Interrupt
Pulse Width
µs
0
tHD:I/O
I/O Data Hold Time
1000
SMBDATA Valid to SMBCLK
Rising Edge Time, Slave
Clocking in Data
VCC = 4.5V
to 5.5V
VCC = 2.7V
to 4.5V
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are for TA = +25°C.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com