Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1661-MAX1663 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1661-MAX1663
Description  Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1661-MAX1663 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1661-MAX1663 Datasheet HTML 1Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 2Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 3Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 4Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 5Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 6Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 7Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 8Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
x
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
________________General Description
The MAX1661/MAX1662/MAX1663 serial-to-parallel/
parallel-to-serial converters are intended to control external
power MOSFETs in power-plane switching applications.
These small, low-cost devices can be used on a system
motherboard to control point-of-load switching from a 2-
wire SMBus™ serial interface. Each device has three high-
voltage open-drain outputs that double as TTL-level logic
inputs, giving them bidirectional capabilities. The I/O pins
can withstand +28V, so they can control battery voltage-
distribution switches in notebook computers.
The MAX1661 is intended for driving N-channel MOSFETs
and its outputs are low upon power-up. The MAX1662/
MAX1663 are intended for P-channel MOSFETs, and their
outputs are high-impedance upon power-up. This ensures
that the MOSFETs are off at power-up, so the system can
enforce power-plane sequencing.
The SMBSUS control input selects control data between
two separate data registers. This feature allows the system
to select between two different power-plane configurations
asynchronously, eliminating latencies introduced by the
serial bus. Other features include thermal-overload and
overcurrent protection, ultra-low supply current, and both
hardware and software interrupt capabilities. These
devices are available in the space-saving 10-pin µMAX
package.
________________________Applications
Power-Plane Switching
Point-of-Load Power-Bus Switching
Notebook and Subnotebook Computers
Desktop Computers
Smart Batteries
____________________________Features
o Performs Serial-to-Parallel and Parallel-to-Serial
Conversions
o Three General-Purpose Digital Input/Output Pins
(withstand +28V)
o SMBus 2-Wire Serial Interface
o Supports SMBSUS Asynchronous Suspend Mode
o 3µA Supply Current
o +2.7V to +5.5V Supply Range
o Space-Saving, Low-Cost 10-Pin µMAX Package
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
ALERT
SMBCLK
SMBDATA
SMBSUS
I/O3
I/O2
I/O1
VCC
MAX1661
MAX1662
MAX1663
µMAX
TOP VIEW
ADD
GND
__________________Pin Configuration
19-1306; Rev 0; 10/97
PART
MAX1661EUB
MAX1662EUB
MAX1663EUB
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
10 µMAX
10 µMAX
10 µMAX
EVALUATION KIT
AVAILABLE
______________Ordering Information
Typical Operating Circuits appear at end of data sheet.
SMBus is a trademark of Intel Corp.
PART
POWER-ON-
RESET STATE
INTENDED
APPLICATION
SMBus ADDRESS
ADDRESS PIN
ADDRESS
MAX1661
Outputs Low
N-Channel MOSFETs
GND
High-Z
VCC
0100000
0111100
1001000
MAX1662
Outputs High
(high-Z state)
P-Channel MOSFETs
GND
High-Z
VCC
0100001
0111101
1001001
MAX1663
Outputs High
(high-Z state)
P-Channel MOSFETs
GND
High-Z
VCC
0100010
0111110
1001010
______________________________________________________________Selector Guide
Serial-to-Parallel/Parallel-to-Serial Converters and
Load-Switch Controllers with SMBus Interface


Similar Part No. - MAX1661-MAX1663

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1661 MAXIM-MAX1661 Datasheet
249Kb / 16P
Active-Matrix Liquid Crystal Display AMLCD Supply
19-1356; Rev 0; 4/98
More results

Similar Description - MAX1661-MAX1663

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
PARALLEL-TO-SERIAL DATA CONVERTER
logo
Texas Instruments
SN74LV8153 TI-SN74LV8153 Datasheet
210Kb / 13P
SERIAL-TO-PARALLEL INTERFACE
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
464Kb / 8P
Digital-to-Analog Converters with Serial Interface
logo
Texas Instruments
SN74LV8153 TI-SN74LV8153_08 Datasheet
385Kb / 16P
SERIAL-TO-PARALLEL INTERFACE
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
Digital-to-Analog Converters with Serial Interface
logo
Texas Instruments
SN74LV8153-Q1 TI1-SN74LV8153-Q1 Datasheet
194Kb / 14P
SERIAL-TO-PARALLEL INTERFACE
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
logo
Assmann Electronics Inc...
AK250-3-R ASSMANN-AK250-3-R Datasheet
265Kb / 1P
SERIAL TO PARALLEL
logo
Integrated Device Techn...
IDT72125 IDT-IDT72125_16 Datasheet
246Kb / 11P
CMOS PARALLEL-TO-SERIAL FIFO
logo
Renesas Technology Corp
F1950 RENESAS-F1950 Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com