Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1661-MAX1663 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1661-MAX1663
Description  Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1661-MAX1663 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1661-MAX1663 Datasheet HTML 1Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 2Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 3Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 4Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 5Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 6Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 7Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 8Page - Maxim Integrated Products MAX1661-MAX1663 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Serial-to-Parallel/Parallel-to-Serial Converters and
Load-Switch Controllers with SMBus Interface
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
NAME
FUNCTION
1
VCC
Supply Voltage Input, 2.7V to 5.5V.
2
I/O1
Input 1 or Output 1 (open drain). This pin can tolerate up to 28V.
PIN
3
I/O2
Input 2 or Output 2 (open drain). This pin can tolerate up to 28V.
4
I/O3
Input 3 or Output 3 (open drain). This pin can tolerate up to 28V.
8
SMBDATA
SMBus Serial-Data Input/Output (open drain)
7
SMBSUS
SMBus Suspend-Mode Control Input. Drive low to select the suspend-mode register. Drive high to select
the normal-mode register. (See
Detailed Description.)
6
ADD
SMBus Address Select Pin (see Table 1 for details).
5
GND
Ground
10
ALERT
Interrupt Output, active low, open drain
9
SMBCLK
SMBus Serial Clock Input
INPUT
REGISTER
TRANSITION
DETECTORS
SMBSUS
NORMAL
DATA
REGISTER
NORMAL
I/01
I/02
I/03
SUSPEND
O1
CONTROL
NORMAL
SUSPEND
CONTROL
NORMAL
SUSPEND
CONTROL
SUSPEND-
MODE
DATA
REGISTER
ALERT
RESPONSE
REGISTER
ADDRESS
DECODER
SMB
THERMAL
SHUTDOWN
8
7
ALERT
FAULT
LATCH
S
R
ADD
SMBDATA
SMBCLK
MAX1661/
MAX1662/
MAX1663
O2
O3
MUX
MUX
MUX
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com