Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL38G Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL38G
Description  GPS Low Noise Two-Stage Amplifier with External Filter Connectable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL38G Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL38G Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2/25
ASB Inc.
 sales@asb.co.kr
January 2017
ASL38G
2. Summary on Product Performances
2.1 Typical Performance
Test conditions : T = +25
C, VDD = +3 V, +4 V, +5 V, CW, ZO = 50 
Parameters
Test Conditions
+ 3 V
+ 4 V
+ 5 V
Units
Operation Frequency
1575
1575
1575
MHz
AMP1 Gain
50
source with input match
Pin = -40 dBm
18.5
19
19.3
dB
AMP1 Noise Figure
0.9
0.85
0.85
dB
AMP1 Input Third-Order
Intercept Point
Two tones at 1574.5 MHz and
1575.5 MHz,
-30 dBm per tone
-7
-4
-2
dBm
AMP1 Input Return Loss
Pin = -40 dBm
-12
-10
-10
dB
AMP1 Output Return Loss
Pin = -40 dBm
-15
-12
-12
dB
AMP1 Reverse Isolation
Pin = -40 dBm
-40
-40
-40
dB
AMP1 Supply Current
10
14
18
mA
AMP2 Gain
Pin = -40 dBm
18.5
19
19.3
dB
AMP2 Noise Figure
0.9
0.85
0.85
dB
AMP2 Output Third-Order
Intercept Point
Two tones at 1574.5 MHz and
1575.5 MHz,
Pin = -30 dBm per tone
12
16
18
dBm
AMP2 Output 1dB Compression
Point
1
4
6
dBm
AMP2 Input Return Loss
Pin = -40 dBm
-12
-10
-10
dB
AMP2 Output Return Loss
Pin = -40 dBm
-15
-12
-12
dB
AMP2 Reverse Isolation
Pin = -40 dBm
-40
-40
-40
dB
AMP2 Supply Current
10
14
18
mA
2.2 Product Specifications
Test conditions : T = +25
C, VDD = +3 V, CW, ZO = 50 for AMP1 and AMP2 cascaded.
Parameters
Min
Typ
Max
Units
Operation Frequency
1575
MHz
Small Signal Gain
37
dB
Input Return Loss
-12
dB
Output Return Loss
-15
dB
Supply Current
16
20
28
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com