Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL38G Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL38G
Description  GPS Low Noise Two-Stage Amplifier with External Filter Connectable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL38G Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL38G Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4/25
ASB Inc.
 sales@asb.co.kr
January 2017
ASL38G
2.4 Pin Descriptions
2.5 ESD Classification & Moisture Sensitivity Level
Pin
Pin Name
Description
1
RFIN1
AMP1 input. Requires external DC-blocking capacitor and input matching circuits.
2,7
GND
Electrical Ground
5
RFOUT1
AMP1 output. This output is externally configured to RF choke and
matching circuit. This output is connected to be a bandpass filter.
6
RFIN2
AMP2 input. Requires external DC-blocking capacitor.
This input is connected to be a bandpass filter.
10
RFOUT2
AMP2 output. This output is externally configured to RF choke.
3,4,8,9
NC
Not connected
TOP VIEW
ESD Classification
HBM
Class 0
Voltage Level: 200 V
MM
Class A
Voltage Level: 50 V
CAUTION: ESD-sensitive device!
Moisture Sensitivity Level (MSL)
Level 3 at 260
C reflow
RFIN2
RFIN1
AMP2
AMP1
RFOUT2
RFOUT1
GND
NC
GND
NC
NC
NC
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com