Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL38G Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL38G
Description  GPS Low Noise Two-Stage Amplifier with External Filter Connectable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL38G Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL38G Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/25
ASB Inc.
 sales@asb.co.kr
January 2017
ASL38G
1. Product Overview
1.1 General Description
ASL38G is low noise high gain amplifier applicable to from about a few hundred MHz to about 3 GHz and
especially for use in the RF front-end of GPS, GLONASS, Galileo, and COMPASS. It consists of two
amplifier stages (AMP1 and AMP2) which allow an external (off-chip) filter to be connected in between. It
has an active bias circuit for stable current over temperature and process variation. The amplifier is avail-
able in ten-lead TDFN10 package and passes through the stringent DC, RF, and reliability tests
1.2 Features
 First Amp Noise Figure : 0.9 dB
 High Gain : 37 dB (AMP1 and AMP2 Cascaded)
 For each amplifier, VDD and IDD in 1.8 ~ 5.0 V and 6 ~ 18 mA, respectively
 Small, Low-Cost Package (3mm x 3mm)
1.3 Applications
 300 ~ 3000 MHz low power consumption, high gain, and low noise application
 GPS, GLONASS, Galileo, COMPASS Receivers
 Automotive antenna
1.4 Package Profile & RoHS Compliance
TDFN 10 Package
RoHS-compliant
ASL38G Data Sheet
GPS Low Noise Two-Stage Amplifier with External Filter Connectable


Similar Part No. - ASL38G

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL380 ASB-ASL380 Datasheet
672Kb / 7P
Wideband Linear Amplifier MMIC
March 2012
ASL380 ASB-ASL380 Datasheet
1Mb / 13P
Wideband Linear Amplifier MMIC
June 2017
ASL380 ASB-ASL380_17 Datasheet
1Mb / 13P
Wideband Linear Amplifier MMIC
June 2017
More results

Similar Description - ASL38G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPA-017S ETC2-GPA-017S Datasheet
34Kb / 4P
GPS ANTENNA WITH LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
logo
RF Micro Devices
RF2815 RFMD-RF2815 Datasheet
572Kb / 10P
GPS LOW NOISE AMPLIFIER WITH INTEGRATED OUTPUT SAW FILTER
logo
Skyworks Solutions Inc.
SKY65709-51 SKYWORKS-SKY65709-51 Datasheet
117Kb / 2P
Low-Noise Amplifier Front-End Module with GPS-GNSS Pre-Filter
logo
Taoglas antenna solutio...
AP.25F.07.0078A TAOGLAS-AP.25F.07.0078A_17 Datasheet
905Kb / 7P
25mm Two Stage GPS
logo
SJM Prewell. All Rights...
PLG01 SJM-PLG01 Datasheet
624Kb / 8P
Low Noise Amplifier for GPS
PLG07 SJM-PLG07 Datasheet
424Kb / 8P
Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
GPS/GNSS Low-Noise Amplifier
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com