Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL38G Datasheet(PDF) 21 Page - Advanced Semiconductor Business Inc.

Part # ASL38G
Description  GPS Low Noise Two-Stage Amplifier with External Filter Connectable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL38G Datasheet(HTML) 21 Page - Advanced Semiconductor Business Inc.

Back Button ASL38G Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 19Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 20Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 21Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 22Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 23Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 24Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 25Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21/25
ASB Inc.
 sales@asb.co.kr
January 2017
ASL38G
4.2 Typical Performance
Test conditions : T = +25
C, Vsupply = +4 V, CW, ZO = 50 
Parameters
Test Conditions
Values
Units
Operation Frequency
1559-1605
MHz
Small Signal Gain
50
source with input match
32
dB
Noise Figure
1.3
dB
Input Third-Order
Intercept Point
two tones at the
output power of -30 dBm/tone
separated by 1 MHz.
-15
dBm
Output Third-Order
Intercept Point
two tones at the
output power of -30 dBm/tone
separated by 1 MHz.
17
dBm
Output 1dB Compression
Point
4
dBm
Input Return Loss
-12
dB
Output Return Loss
-15
dB
Reverse Isolation
-40
dB
Supply Current
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com