Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL38G Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASL38G
Description  GPS Low Noise Two-Stage Amplifier with External Filter Connectable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL38G Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASL38G Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL38G Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/25
ASB Inc.
 sales@asb.co.kr
January 2017
ASL38G
3. Application 1: 1575 MHz
3.1 Application Circuit & Evaluation Board
Bill of Material
Symbol
Size
Value
Manufacturer
Symbol
Size
Value
Manufacturer
ASL38G
3x3
-
ASB
R1, R2
1005
10
Samsung
C1, C6
1005
1.0
F
MURATA
L3, L5
1005
5.6 nH
MURATA
C2, C5
1005
1.0 pF
MURATA
L2, L4
1005
5.1 nH
MURATA
C3, C4
1005
5 pF
MURATA
L1, L6
1005
4.7 nH
MURATA
L4
C4
L5
R1
C1
C3
L3
L2
C6
R2
L6
L1
C2
C5
RF IN1
RF IN2
RF OUT2
RF OUT1
VDD = +3 V
TOP VIEW
ASL38G
VDD = +3 V
C2
C3
L2
L3
L4
C4
L5
C5
R2 L6
C6
RF IN1
RF OUT1
RF IN2
RF OUT2
VDD
ASL38G
1
GND
GND
L1
R1
C1
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com