Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST54S Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # AST54S
Description  High Gain, Low Noise Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST54S Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  AST54S Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4/26
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
AST54S
High Gain, Low Noise Amplifier
C1=100 pF
C2=100 pF
RF OUT
AST54S
C4=1 nF
RF IN
L3=22 nH
*P1
R1=820
C5=1 uF
*P1
VDD
R2=5.1 k
L2=39 nH
R3=43
L1=6.8 nH
R4=430
C3=1 nF
C6=0.5 pF
=27
@ 40mA
@ 60mA
500
600
700
800
900
1000
1100
1200
0
5
10
15
20
25
Frequency (MHz)
500
600
700
800
900
1000
1100
1200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
500
600
700
800
900
1000
1100
1200
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
0
1
2
3
4
5
6
7
8
9
10
Frequency [MHz]
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
Parameter
Symbol
Unit
Frequency
Frequency
824
960
824
960
Power Gain
Gp
dB
19.5
18.1
19.6
18.2
Noise Figure
NF
dB
0.4
0.4
0.4
0.4
Input Return Loss
RLin
dB
-18
-18
-18
-18
Output Return Loss
RLout
dB
-10
-10
-10
-10
1
dB
Gain
Compression
Output Power
Po(1dB)
dBm
17
18
19
19
3rd Intercept Point
Output Power1)
OIP3
dBm
30
30
32
32
Circuit Current
Id
mA
40
40
60
60
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
GSM, CDMA
824 ~ 960 MHz
+5 V
Board Layout (FR4, 23x13 mm2, 0.8T)
Note: 1) The length of the strip line P1 is given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
P1 Length: 2.0 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1
Bottom
Top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com