Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST54S Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # AST54S
Description  High Gain, Low Noise Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST54S Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button AST54S Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 15Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11/26
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
AST54S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
WCDMA
S11 < -18 dB &
High Gain
2000 MHz
+5 V
Board Layout (FR4, 23x13 mm2, 0.8T)
Note: 1) The length of the strip line P1 is given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
P1 Length: 0.75 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1
Bottom
Top
Parameter
Symbol
Test Conditions
TYP.
Unit
Power Gain
Gp
F = 2 GHz
14.5
14.6
dB
Noise Figure
NF
F = 2 GHz
0.6
0.6
dB
Input Return Loss
RLin
F = 2 GHz
-18
-18
dB
Output Return Loss
RLout
F = 2 GHz
-12
-12
dB
1 dB Gain Compression
Output Power
Po(1dB)
F = 2 GHz
19
20
dBm
3rd Intercept Point
Output Power1)
OIP3
F = 2 GHz
34
36
dBm
Circuit Current
Id
F = 2 GHz
Non-RF
40
60
mA
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-20
-15
-10
-5
0
5
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
30
Frequency (MHz)
-40
oc
25
oc
85
oc
0
500
1000
1500
2000
2500
3000
3500
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com