Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST54S Datasheet(PDF) 17 Page - Advanced Semiconductor Business Inc.

Part # AST54S
Description  High Gain, Low Noise Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST54S Datasheet(HTML) 17 Page - Advanced Semiconductor Business Inc.

Back Button AST54S Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 16Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 17Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 18Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 19Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 20Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 21Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17/26
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
AST54S
High Gain, Low Noise Amplifier
C1=22 pF
C2=22 pF
RF OUT
AST54S
C4=1 nF
RF IN
L2=12 nH
R1=820
C7=1 uF
VDD
R2=5.1 k
L1=10 nH
R3=43
 @ 40 mA,
27
@ 60 mA
C3=0.75 pF
R4=3.3 k
C5=1 nF
C6=2 pF
2300
2400
2500
2600
2700
2800
2900
3000
0
5
10
15
20
Frequency (MHz)
2300
2400
2500
2600
2700
2800
2900
3000
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
2300
2400
2500
2600
2700
2800
2900
3000
-25
-20
-15
-10
-5
0
Frequency (MHz)
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Board Layout (FR4, 23x13 mm2, 0.8T)
Bottom
Parameter
Symbol
Unit
Frequency
Frequency
2600
2700
2600
2700
Power Gain
Gp
dB
13.5
13.2
13.6
13.3
Noise Figure
NF
dB
0.6
0.6
0.6
0.6
Input Return Loss
RLin
dB
-18
-18
-18
-18
Output Return Loss
RLout
dB
-10
-10
-10
-10
1 dB Gain Compression
Output Power
Po(1dB)
dBm
19
19
20
20
3rd Intercept Point
Output Power1)
OIP3
dBm
32
34
34
34
Circuit Current
Id
mA
40
40
60
60
Top
LTE 2600
2600 ~ 2700 MHz
+5 V
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com