Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST54S Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # AST54S
Description  High Gain, Low Noise Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST54S Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button AST54S Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 16Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12/26
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
AST54S
High Gain, Low Noise Amplifier
-60
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
Frequency = 2 GHz
Temperature (
o
C)
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.00
0.25
0.50
0.75
1.00
1.25
Frequency (GHz)
P1dB vs. Temperature
Current vs. Temperature
Output IP3 vs. Temperature
Gain vs. Temperature
-60
-40
-20
0
20
40
60
80
100
35
37
39
41
43
45
Temperature (
oC)
Frequency = 2000 MHz
-60
-40
-20
0
20
40
60
80
100
11
12
13
14
15
16
17
Temperature (
oC)
Frequency = 2000 MHz
-60
-40
-20
0
20
40
60
80
100
13
15
17
19
21
23
Temperature (
oC)
Frequency = 2000 MHz
-60
-40
-20
0
20
40
60
80
100
28
30
32
34
36
38
Temperature (
oC)
Frequency = 2000 MHz
0
1
2
3
4
5
6
7
8
9
10
15
20
25
30
35
40
45
50
P
out
per Tone (dBm)
-40
oc
25
oc
85
oc
Output IP3 vs. Tone Power (Frequency = 2000 MHz)
NF vs. Temperature
NF vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com