Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST54S Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # AST54S
Description  High Gain, Low Noise Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST54S Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  AST54S Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AST54S Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
AST54S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
1) 100% in-house DC & RF testing is done on packaged products before taping
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
The max. input power, in principle, depends upon the application frequency and the matching circuit.
Parameters
Units
Typical
Testing Frequency
MHz
900
2000
2400
3300
Gain
dB
19.0
12.8
12.5
10.0
S11
dB
-18
-18
-20
-18
S22
dB
-10
-10
-10
-16
Output IP31)
dBm
30.0
34.0
34.0
37.5
Noise Figure
dB
0.40
0.50
0.65
0.80
Output P1dB
dBm
18
19
19
18
Current
mA
40
Device Voltage
V
+3.3
Parameters
Units
Min
Typ
Max
Frequency
MHz
2000
Gain
dB
12.3
13.0
13.5
S11
dB
-16
-18
S22
dB
-10
-12
Output IP3
dBm
32
34
Noise Figure
dB
0.50
0.65
Output P1dB
dBm
17
19
Current
mA
35
40
45
Device Voltage
V
+3.3
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power
(CW, 50
 matched as in 2000 MHz application circuit)*
+22 dBm
Thermal Resistance
165
C/W
Features
Description
19.0 dB Gain at 900 MHz
0.4 dB NF at 900 MHz
30 dBm OIP3 at 900 MHz
18 dBm P1dB at 900 MHz
“AEC-Q100 Qualified
”
AST54S is a one-stage LNA which has a low noise,
high gain, and high linearity over a wide range of
frequency up to 4 GHz. It is also suitable for use in
the low noise amplifier block of antenna module of
FM, SDARS and mobile wireless systems of LTE,
CDMA, WCDMA, WLAN so on. The amplifier is
available in a SOT343 package and passes the
stringent DC, RF, and reliability tests.
Applications
·GPS Receiver
·CDMA, GSM, W-CDMA, PCS
·WiBro, WiMax, WLAN
·Gain Block
·IF Amplifier
Product Specifications1)
More Information
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
ASB Inc., 4th FI. Venture Town Bldg.,
367-17 Goijeong-Dong, Seo-Gu,
Daejon 302-716, Korea
Applications
·GPS Receiver
·CDMA, GSM, W-CDMA, PCS
·WiBro, WiMAX, WLAN
·Gain Block
·IF Amplifier
·Low Noise Amplifier
Absolute Maximum Ratings
Package Style: SOT343
Pin Configuration
Pin No.
Function
1
RF OUT & Bias
2, 4
GND
3
RF IN
Application Circuit
 LTE (700)
 CDMA, GSM
 2000 MHz (Low Noise)
 2000 MHz (High Gain)
 2338 MHz (SiriusXM)
 2338 MHz (SiriusXM, High IP1dB)
 2400 MHz
 WiMAX
 LTE 2600
 3300 MHz
 50 ~ 1000 MHz (50
), FM
 470 ~ 860 MHz (50
)
 TETRA 360 ~ 450 MHz
 IF 20 ~ 108 MHz
 Wide Band 5 ~ 1000 MHz
 FM 88 ~ 108 MHz
GPS, GLONASS, Galileo, Compass
· 1559 ~ 1610 MHz (GPS)
· 1500 ~ 1610 MHz (GPS)
· 1164 ~ 1620 MHz (GPS Wide)
· 1164 ~ 1620 MHz (High current)
· 1100 ~ 1700 MHz (GPS Wide)
· 50 ~ 2500 MHz
(Trans-impedance Amplifier, 50
)
Typical Performance
(Supply Voltage = +5 V, TA = +25 C, Zo = 50 )


Similar Part No. - AST54S

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
More results

Similar Description - AST54S

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
High Gain, Low Noise Amplifier
May 2012
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
High Gain, Low Noise Amplifier
June 2014
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
High Gain, Low Noise Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com