Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R1 Datasheet(PDF) 1 Page - PULS GmbH

Part # CP20.241-R1
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R1 Datasheet(HTML) 1 Page - PULS GmbH

  CP20.241-R1 Datasheet HTML 1Page - PULS GmbH CP20.241-R1 Datasheet HTML 2Page - PULS GmbH CP20.241-R1 Datasheet HTML 3Page - PULS GmbH CP20.241-R1 Datasheet HTML 4Page - PULS GmbH CP20.241-R1 Datasheet HTML 5Page - PULS GmbH CP20.241-R1 Datasheet HTML 6Page - PULS GmbH CP20.241-R1 Datasheet HTML 7Page - PULS GmbH CP20.241-R1 Datasheet HTML 8Page - PULS GmbH CP20.241-R1 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
1/30
P R E L I M I N A R Y
REDUNDANCY POWER SUPPLY
AC 100-240V Wide-range Input
Width only 48mm
Built-in Decoupling Mosfet for 1+1 and n+1 Redundancy
Efficiency up to 95.2%
20% Output Power Reserves
Safe HiccupPLUS Overload Mode
Easy Fuse Breaking – 3 times nominal current for 12ms
Active Power Factor Correction (PFC)
Minimal Inrush Current Surge
Full Power Between -40°C and +60°C
DC-OK Relay Contact
Current Sharing Feature Included
3 Year Warranty
GENERAL DESCRIPTION
The CP-Series, part of the DIMENSION power supply
family
are
cost
optimized
without
compromising
quality, reliability and performance.
The CP20.241-Rx units include a decoupling MOSFET for
building 1+1 or n+1 redundant power supply systems
without the need of external redundancy modules.
These redundancy power supplies come with three
connection terminal options; screw terminals, spring-
clamp terminals or plug connector terminals which
allows replacement on an active application.
The most outstanding features of these units are high
efficiency, electronic inrush current limitation, active
PFC and the wide operational temperature range.
The devices also have a power reserve of 20% included,
which may even be used continuously at temperatures
up to +45°C. Additionally, they can deliver 3 times the
nominal output current for 12ms which helps to trip
fuses on faulty output branches.
With high immunity to transients and power surges, low
electromagnetic emission, a DC-OK signal contact for
remote monitoring, and a large international approval
package, makes this unit suitable for nearly every
application.
SHORT-FORM DATA
Output voltage
DC 24V
0%/+6%
Adjustment range
-
Output current
24A
Below +45°C ambient
20A
At +60°C ambient
15A
At +70°C ambient
Output ripple
max. 50mVpp
20Hz to 20MHz
AC Input voltage
AC 100-240V
-15%/+10%
Mains frequency
50-60Hz
±6%
AC Input current
4.28 / 2.25A
At 120 / 230Vac
Power factor
0.99 / 0.95
At 120 / 230Vac
AC Inrush current
10 / 4.5Apk
At 120 / 230Vac
Efficiency
93.8 / 95.2%
At 120 / 230Vac
Losses
31.7 / 24.2W
At 120 / 230Vac
Temperature range
-40°C to +70°C
Hold-up time
32ms
Size (w x h x d)
48x124x127mm
Without DIN-rail and
plug connectors
Weight
830g / 1.83lb
CP20.241-R1
CP20.241-R3
850g / 1.87lb
CP20.241-R2
ORDER NUMBERS
Power Supply CP20.241-R2 With hot swappable plug
connectors
(preferred inventory item)
CP20.241-R1 With quick-connect
spring-clamp terminals
CP20.241-R3 With screw terminals
Accessory
ZM5.WALL
Wall mount bracket
MARKINGS
IND. CONT. EQ.
UL 508, planned
UL 60950-1,
planned
Marine, planned
Class I Div 2,
planned
IECEx
ATEX
II 3G Ex ec nC II T4 Gc
planned


Similar Part No. - CP20.241-R1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP20.241-R1 PULS-CP20.241-R1 Datasheet
840Kb / 33P
24V, 20A, 480W, SINGLE PHASE
CP20.241-R1 PULS-CP20.241-R1_18 Datasheet
840Kb / 33P
24V, 20A, 480W, SINGLE PHASE
More results

Similar Description - CP20.241-R1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
24V, 10A, SINGLE PHASE INPUT
CS10.244 PULS-CS10.244 Datasheet
670Kb / 24P
24V, 10A, SINGLE PHASE INPUT
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
24V, 20A, SINGLE PHASE INPUT
QS20.244 PULS-QS20.244 Datasheet
754Kb / 25P
24V, 20A, SINGLE PHASE INPUT
QS20.241 PULS-QS20.241 Datasheet
828Kb / 26P
24V, 20A, SINGLE PHASE INPUT
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
24V, 10A, SINGLE PHASE INPUT
CP20.241 PULS-CP20.241 Datasheet
967Kb / 27P
24V, 20A, SINGLE PHASE INPUT
CP20.241 PULS-CP20.241_18 Datasheet
1Mb / 32P
24V, 20A, 480W, SINGLE PHASE
CP20.241-R1 PULS-CP20.241-R1_18 Datasheet
840Kb / 33P
24V, 20A, 480W, SINGLE PHASE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com